Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114AMX160TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP114AMX160TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114AMX160TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP114AMX160TCG Datasheet HTML 1Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 2Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 3Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 4Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 5Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 6Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 7Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 8Page - ON Semiconductor NCP114AMX160TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 21
1
Publication Order Number:
NCP114/D
NCP114
300 mA CMOS Low Dropout
Regulator
The NCP114 is 300 mA LDO that provides the engineer with a very
stable, accurate voltage with low noise suitable for space constrained,
noise sensitive applications. In order to optimize performance for
battery operated portable applications, the NCP114 employs the
dynamic quiescent current adjustment for very low IQ consumption at
no−load.
Features
Operating Input Voltage Range: 1.7 V to 5.5 V
Available in Fixed Voltage Options: 0.75 V to 3.6 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 50 mA
Standby Current Consumption: Typ. 0.1 mA
Low Dropout: 135 mV Typical at 300 mA
±1% Accuracy at Room Temperature
High Power Supply Ripple Rejection: 75 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in UDFN and TSOP Packages
These are Pb−Free Devices
Typical Applicaitons
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCP114
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
MARKING
DIAGRAMS
See detailed ordering, marking and shipping information on
page 14 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
XX = Specific Device Code
M
= Date Code
34
1
2
GND
OUT
EN
IN
(Bottom View)
UDFN4
MX SUFFIX
CASE 517CU
1
XX M
1
www.onsemi.com
XX
= Device Code
M
= Date Code*
G
= Pb−Free Package
XX M
G
G
1
5
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5
SN SUFFIX
CASE 483
OUT
IN
GND
N/C
EN
1
2
3
4
5
(Top View)


Similar Part No. - NCP114AMX160TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114AMX160TCG ONSEMI-NCP114AMX160TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114AMX160TCG ONSEMI-NCP114AMX160TCG Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114AMX160TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com