Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2153FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA2153FN
Description  RF Amplifier for Digital Servo CD System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2153FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TA2153FN Datasheet HTML 1Page - Toshiba Semiconductor TA2153FN Datasheet HTML 2Page - Toshiba Semiconductor TA2153FN Datasheet HTML 3Page - Toshiba Semiconductor TA2153FN Datasheet HTML 4Page - Toshiba Semiconductor TA2153FN Datasheet HTML 5Page - Toshiba Semiconductor TA2153FN Datasheet HTML 6Page - Toshiba Semiconductor TA2153FN Datasheet HTML 7Page - Toshiba Semiconductor TA2153FN Datasheet HTML 8Page - Toshiba Semiconductor TA2153FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TA2153FN
2003-01-18
7
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Voltage gain
Gv
¾
¾
¾
1.7
¾
V/V
Detection frequency
characteristic 1
fc1
¾
SEL
= HiZ
¾
100
¾
Detection frequency
characteristic 2
fc2
¾
SEL
= VCC
¾
200
¾
kHz
Operation reference
voltage 1
VOPR1
¾
VR Reference
No Input
-1.1
-1.0
-0.9
Operation reference
voltage 2
VOPR2
¾
VR Reference
700 kHz, 1.2 Vp-p
0.7
0.8
0.9
V
RFRP
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W
Detection frequency
characteristic 1
fc1
¾
CBTC = 0.22 mF
¾
70
¾
Detection frequency
characteristic 2
fc2
¾
CPKC = 0.22 mF
¾
70
¾
Hz
RFCT
RFRP
®
RFCT
Output offset voltage
VOS
¾
RFRP Reference, RFCT
-50
¾
50
mV
Note:
If the IC is used abnormally (ex. wrongly mounted), it may be damaged or destroyed.


Similar Part No. - TA2153FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
logo
Toshiba Semiconductor
TA2154AFN TOSHIBA-TA2154AFN Datasheet
171Kb / 13P
   1.5 V 1 Chip Tuner IC (for Digital Tuning System)
More results

Similar Description - TA2153FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
   Digital Servo Head Amp for CD System
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com