Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1230D65R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1230D65R2G
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230D65R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1230D65R2G Datasheet HTML 1Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 2Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 3Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 4Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 5Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 6Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 7Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 8Page - ON Semiconductor NCP1230D65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NCP1230
www.onsemi.com
2
Figure 1. Typical Application Example
1
8
2
3
4
7
6
5
CBulk
HV
+
MC33262/33260
PFC_VCC
OVP
1
8
2
3
4
7
6
5
NCP1230
OVP
+
GN-
D
Vout
Rsense
GND
Ramp Comp
10 k
VCC Cap
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Pin Description
1
PFC VCC
This pin provides
the bias voltage to
the PFC controller.
This pin is a direct connection to the VCC pin (Pin 6) via a low impedance switch. In
standby and during the startup sequence, the switch is open and the PFC VCC is
shut down. As soon as the aux. winding is stabilized, Pin 1 connects to the VCC pin
and provides bias to the PFC controller. It goes down in standby and fault conditions.
2
FB
Feedback Signal
An optocoupler collector pulls this pin low to regulate. When the current setpoint
reaches 25% of the maximum peak, the controller skips cycles.
3
CS/OVP
Current Sense
This pin incorporates three different functions: the current sense function, an internal
ramp compensation signal and a 3.0 V latch−off level which latches the output off
until VCC is recycled.
4
GND
IC Ground
5
DRV
Driver Output
With a drive capability of +500 mA / −800 mA, the NCP1230 can drive large Qg
MOSFETs.
6
VCC
VCC Input
The controller accepts voltages up to 18 V and features a UVLO turn−off threshold of
7.7 V typical.
7
NC
8
HV
High−Voltage
This pin connects to the bulk voltage and offers a lossless startup sequence. The
charging current is high enough to support the bias needs of a PWM controller
through Pin 1.


Similar Part No. - NCP1230D65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230D65R2G ONSEMI-NCP1230D65R2G Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230D65R2G ONSEMI-NCP1230D65R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1230D65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com