Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1236 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1236
Description  Fixed Frequency Current Mode Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1236 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1236_16 Datasheet HTML 2Page - ON Semiconductor NCP1236_16 Datasheet HTML 3Page - ON Semiconductor NCP1236_16 Datasheet HTML 4Page - ON Semiconductor NCP1236_16 Datasheet HTML 5Page - ON Semiconductor NCP1236_16 Datasheet HTML 6Page - ON Semiconductor NCP1236_16 Datasheet HTML 7Page - ON Semiconductor NCP1236_16 Datasheet HTML 8Page - ON Semiconductor NCP1236_16 Datasheet HTML 9Page - ON Semiconductor NCP1236_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
NCP1236
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued)
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
OUTPUT DRIVER
High−state voltage drop
VCC = VCC(min) + 0.2 V, RDRV = 33 kW,
DRV high
VDRV(drop)
1
V
CURRENT SENSE
Input Bias Current
VCS = 0.7 V
Ibias
0.02
mA
Maximum internal current
setpoint
VFB > 3.5 V
VILIM
0.66
0.7
0.74
V
Propagation delay from VIlimit
detection to DRV off
VCS = VILIM
tdelay
80
110
ns
Leading Edge Blanking Duration
for VILIM
tLEB
190
250
310
ns
Threshold for immediate fault
protection activation
VCS(stop)
0.95
1.05
1.15
V
Leading Edge Blanking Duration
for VCS(stop)
tBCS
90
120
150
ns
Slope of the compensation ramp
Scomp(65kHz)
Scomp(100kHz)
−32.5
−50
mV /
ms
Soft−start duration
From 1st pulse to VCS = VILIM
tSSTART
2.8
4.0
5.2
ms
OVERPOWER COMPENSATION
VHV to IOPC conversion ratio
KOPC
0.54
mA / V
Current flowing out of CS pin
VHV = 125 V
VHV = 162 V
VHV = 325 V
VHV = 365 V
IOPC(125)
IOPC(162)
IOPC(325)
IOPC(365)
105
0
20
110
130
150
mA
FB voltage above which IOPC is
applied
VHV = 365 V
VFB(OPCF)
2.12
2.35
2.58
V
FB voltage below which is no
IOPC applied
VHV = 365 V
VFB(OPCE)
2.15
V
Watchdog timer for dc operation
tWD(OPC)
32
ms
FEEDBACK
Internal pull−up resistor
TJ = 25°C
RFB(up)
15
20
25
k
W
VFB to internal current setpoint
division ratio
KFB
4.7
5
5.3
Internal pull−up voltage on the
FB pin
VFB(ref)
4.3
5
5.7
V
OVERCURRENT PROTECTION
Fault timer duration
From CS reaching VILIMIT to DRV stop
tfault
98
128
168
ms
Fault timer duration (for the C
version only)
From CS reaching VILIMIT to DRV stop
tfault
16
32
48
ms
Autorecovery mode latch−off
time duration
tautorec
0.85
1.00
1.35
s
Autorecovery mode latch−off
time duration (for the C version
only)
tautorec
1.0
1.5
2.0
s
6. Internal supply current only, current in FB pin not included (current flowing in GND pin only).
7. Guaranteed by design.


Similar Part No. - NCP1236_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236AD100R2G ONSEMI-NCP1236AD100R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1236BD100R2G ONSEMI-NCP1236BD100R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1236BD65R2G ONSEMI-NCP1236BD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1236CD100R2G ONSEMI-NCP1236CD100R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
More results

Similar Description - NCP1236_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com