Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216AP100G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1216AP100G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AP100G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1216AP100G Datasheet HTML 1Page - ON Semiconductor NCP1216AP100G Datasheet HTML 2Page - ON Semiconductor NCP1216AP100G Datasheet HTML 3Page - ON Semiconductor NCP1216AP100G Datasheet HTML 4Page - ON Semiconductor NCP1216AP100G Datasheet HTML 5Page - ON Semiconductor NCP1216AP100G Datasheet HTML 6Page - ON Semiconductor NCP1216AP100G Datasheet HTML 7Page - ON Semiconductor NCP1216AP100G Datasheet HTML 8Page - ON Semiconductor NCP1216AP100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 16
1
Publication Order Number:
NCP1216/D
NCP1216, NCP1216A
PWM Current-Mode
Controller for High-Power
Universal Off-Line Supplies
Housed in a SOIC−8 or PDIP−7 package, the NCP1216 represents
an enhanced version of NCP1200 based controllers. Due to its high
drive capability, NCP1216 drives large gate−charge MOSFETs, which
together with internal ramp compensation and built−in frequency
jittering, ease the design of modern AC−DC adapters.
With an internal structure operating at different fixed frequencies,
the controller supplies itself from the high−voltage rail, avoiding the
need of an auxiliary winding. This feature naturally eases the designer
task in some particular applications, e.g. battery chargers or TV sets.
Current−mode control also provides an excellent input audio
susceptibility and inherent pulse−by−pulse control. Internal ramp
compensation easily prevents sub−harmonic oscillations from taking
place in continuous conduction mode designs.
When the current setpoint falls below a given value, e.g. the output
power demand diminishes, the IC automatically enters the so−called
skip cycle mode and provides excellent efficiency at light loads.
Because this occurs at a user adjustable low peak current, no acoustic
noise takes place.
The NCP1216 features an efficient protective circuitry, which in
presence of an over current condition disables the output pulses while
the device enters a safe burst mode, trying to restart. Once the default
has gone, the device auto−recovers.
Features
No Auxiliary Winding Operation
Current−Mode Control with Adjustable Skip−Cycle Capability
Internal Ramp Compensation
Limited Duty Cycle to 50% (NCP1216A Only)
Internal 1.0 ms Soft−Start (NCP1216A Only)
Built−In Frequency Jittering for Better EMI Signature
Auto−Recovery Internal Output Short−Circuit Protection
Extremely Low No−Load Standby Power
500 mA Peak Current Capability
Fixed Frequency Versions at 65 kHz, 100 kHz, 133 kHz
Internal Temperature Shutdown
Direct Optocoupler Connection
SPICE Models Available for TRANsient and AC Analysis
Pin−to−Pin Compatible with NCP1200 Series
These are Pb−Free and Halide−Free Devices
Typical Applications
High Power AC−DC Converters for TVs, Set−Top Boxes, etc.
Offline Adapters for Notebooks
Telecom DC−DC Converters
All Power Supplies
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
PDIP−7
P SUFFIX
CASE 626B
XXXXXXXXX
AWL
YYWWG
1
XXXXXX = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
PIN CONNECTIONS
1
Adj
8 HV
2
FB
3
CS
4
Gnd
7 NC
6 VCC
5 Drv
See detailed ordering and shipping information in the ordering
information section on page 16 of this data sheet.
DEVICE MARKING AND
ORDERING INFORMATION
www.onsemi.com
XXXXX
ALYW
1
8
1
8
G


Similar Part No. - NCP1216AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
More results

Similar Description - NCP1216AP100G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com