Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1253 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Controller for Off-line Power Supplie
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1253_14 Datasheet HTML 1Page - ON Semiconductor NCP1253_14 Datasheet HTML 2Page - ON Semiconductor NCP1253_14 Datasheet HTML 3Page - ON Semiconductor NCP1253_14 Datasheet HTML 4Page - ON Semiconductor NCP1253_14 Datasheet HTML 5Page - ON Semiconductor NCP1253_14 Datasheet HTML 6Page - ON Semiconductor NCP1253_14 Datasheet HTML 7Page - ON Semiconductor NCP1253_14 Datasheet HTML 8Page - ON Semiconductor NCP1253_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP1253
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
CURRENT COMPARATOR
Vfold
Default internal voltage set point for frequency foldback trip point – 45% of
Vlimit
4
357
mV
Vfreeze
Internal peak current setpoint freeze (
≈31% of Vlimit)
4
250
mV
TDEL
Propagation delay from current detection to gate off−state
4
100
150
ns
TLEB
Leading Edge Blanking Duration
4
300
ns
TSS
Internal soft−start duration activated upon startup, auto−recovery
4
ms
INTERNAL OSCILLATOR
fOSC
Oscillation frequency (65 kHz version)
61
65
71
kHz
fOSC
Oscillation frequency (100 kHz version)
92
100
108
kHz
Dmax
Maximum duty−ratio
76
80
84
%
fjitter
Frequency jittering in percentage of fOSC
±5
%
fswing
Swing frequency
240
Hz
Feedback Section
Rup
Internal pull−up resistor
2
20
k
W
Req
Equivalent ac resistor from FB to GND
2
16
k
W
Iratio
Pin 2 to current setpoint division ratio
4.2
Vfreeze(FB)
Feedback voltage below which the peak current is frozen
2
1.05
V
FREQUENCY FOLDBACK
Vfold
Frequency foldback level on the feedback pin –
≈45% of maximum peak
current
1.5
V
Ftrans
Transition frequency below which skip−cycle occurs
22
26
30
kHz
Vfold,end
End of frequency foldback feedback level, Fsw = Fmin
350
mV
Vskip
Skip−cycle level voltage on the feedback pin
300
mV
Skip
hysteresis
Hysteresis on the skip comparator
30
mV
INTERNAL SLOPE COMPENSATION
Vramp
Internal ramp level @ 25
°C (Note 4)
4
2.5
V
Rramp
Internal ramp resistance to CS pin
4
20
k
W
4. A 1 M
W resistor is connected from pin 4 to the ground for the measurement.
PROTECTIONS
VOVP
Latched Overvoltage Protection on the VCC rail
5
24
25.5
27
V
TOVPdel
Delay before OVP confirmation on the VCC rail
5
20
ms
Timer
Internal auto−recovery fault timer duration
100
130
160
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP1253_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
More results

Similar Description - NCP1253_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com