Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1251BSN65T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1251BSN65T1G
Description  Current-Mode PWM Controller for Off-line Power Supplies
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1251BSN65T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1251BSN65T1G Datasheet HTML 3Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 4Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 5Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 6Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 7Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 8Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 9Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 10Page - ON Semiconductor NCP1251BSN65T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCP1251
www.onsemi.com
7
TYPICAL CHARACTERISTICS
75
76
77
78
79
80
81
82
83
84
85
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 3.
60
62
64
66
68
70
72
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 4.
21
22
23
24
25
26
27
28
29
30
31
TEMPERATURE (
°C)
Figure 5.
−50
−25
0
25
50
75
100
125
140
190
240
290
340
390
440
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 6.
0.71
0.73
0.75
0.77
0.79
0.81
0.83
0.85
0.87
0.89
TEMPERATURE (
°C)
Figure 7.
−50
−25
0
25
50
75
100
125
190
240
290
340
390
440
490
140
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 8.
FSW = 65 kHz


Similar Part No. - NCP1251BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1251BSN65T1G ONSEMI-NCP1251BSN65T1G Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results

Similar Description - NCP1251BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com