Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD24PE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65HVD24PE4
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD24PE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD24PE4 Datasheet HTML 6Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 7Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 8Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 9Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 10Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 11Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 12Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 13Page - Texas Instruments SN65HVD24PE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
10
VOD(PP)
VOD(RING)
VOD(RING)
VOD(SS)
VOD(SS)
0 V Differential
NOTE: VOD(RING) is measured at four points on the output waveform, corresponding to overshoot and undershoot from the
VOD(H) and VOD(L) steady state values.
Figure 5.
VOD(RING) Waveform and Definitions
50
CL = 50 pF
Signal
Generator
DE
D
0 V or 3 V
3 V if Testing A Output
0 V if Testing B Output
A
B
RL = 110 Ω
Output
S1
tPZH
tPHZ
0.5 V
DE
Output
1.5 V
1.5 V
2.5 V
3 V
0 V
VOH
VOff 0
Figure 6. Driver Enable/Disable Test, High Output
50
CL = 50 pF
Signal
Generator
DE
D
0 V or 3 V
0 V if Testing A Output
3 V if Testing B Output
RL = 110 Ω
Output
S1
tPZL
tPLZ
0.5 V
DE
Output
1.5 V
1.5 V
2.5 V
3 V
0 V
5 V
VOL
5 V
Figure 7. Driver Enable/Disable Test, Low Output
VOD
RL = 54 Ω
CL = 50 pF
50
Signal
Generator
DE
D
0 V or 3 V
A
B
3 V
1.5 V
0 V
0.2 V
1.5 V
td(Wake)
td(Standby)
DE
VOD
Figure 8. Driver Standby/Wake Test Circuit and Waveforms


Similar Part No. - SN65HVD24PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD24PE4 TI-SN65HVD24PE4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD24PE4 TI-SN65HVD24PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD24PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com