Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1247BD100R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1247BD100R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1247BD100R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1247BD100R2G Datasheet HTML 2Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 3Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1247BD100R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
NCP1247
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
OSCILLATOR
Maximum on time
fOSC = 65 kHz
fOSC = 100 kHz
tONmax(65kHz)
tONmax(100kHz)
11.3
7.4
12.3
8.0
13.1
8.5
ms
Maximum duty cycle (corresponding to
maximum on time at maximum switching
frequency)
fOSC = 65 kHz
fOSC = 100 kHz
DMAX
80
%
Frequency jittering amplitude, in percentage
of FOSC
Ajitter
±4
±6
±8
%
Frequency jittering modulation frequency
Fjitter
85
125
165
Hz
FREQUENCY FOLDBACK
Feedback voltage threshold below which
frequency foldback starts
VFB(foldS)
1.8
2.0
2.2
V
Feedback voltage threshold below which
frequency foldback is complete
VFB(foldE)
0.8
0.9
1.0
V
Minimum switching frequency
VFB = Vskip(in) + 0.1
fOSC(min)
23
27
32
kHz
OUTPUT DRIVER
Rise time, 10% to 90% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
trise
40
70
ns
Fall time, 90% to 10% of VCC
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
tfall
40
70
ns
Current capability
VCC = VCC(min) + 0.2 V,
CDRV = 1 nF
DRV high, VDRV = 0 V
DRV low, VDRV = VCC
IDRV(source)
IDRV(sink)
500
800
mA
Clamping voltage (maximum gate voltage)
VCC = VCCmax – 0.2 V, DRV high,
RDRV = 33 kW, Cload = 220 pF
VDRV(clamp)
11
13.5
16
V
High−state voltage drop
VCC = VCC(min) + 0.2 V,
RDRV = 33 kW, DRV high
VDRV(drop)
1
V
CURRENT SENSE
Input Pull−up Current
VCS = 0.7 V
Ibias
1
mA
Maximum internal current setpoint
VFB > 3.5 V
VILIM
0.66
0.70
0.74
V
Propagation delay from VIlimit detection to
DRV off
VCS = VILIM
tdelay
80
110
ns
Leading Edge Blanking Duration for VILIM
tLEB
200
250
320
ns
Threshold for immediate fault protection
activation
VCS(stop)
0.95
1.05
1.15
V
Leading Edge Blanking Duration for VCS(stop)
(Note 6)
tBCS
90
120
150
ns
Soft−start duration
From 1st pulse to VCS = VILIM
tSSTART
8
11
14
ms
Frozen current setpoint
VI(freeze)
275
300
325
mV
INTERNAL SLOPE COMPENSATION
Slope of the compensation ramp
Scomp(65kHz)
Scomp(100kHz)
−32.5
−50
mV /
ms
FEEDBACK
Internal pull−up resistor
TJ = 25°C
RFB(up)
15
20
25
kW
5. Internal supply current only, currents sourced via FB pin is not included (current is flowing in GND pin only).
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.


Similar Part No. - NCP1247BD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1247BD100R2G ONSEMI-NCP1247BD100R2G Datasheet
1Mb / 42P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2013 ??Rev. 0
More results

Similar Description - NCP1247BD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com