Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1246BLD100R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1246BLD100R2G
Description  Fixed Frequency Current Mode Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1246BLD100R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1246BLD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 10Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 11Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 12Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 13Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 14Page - ON Semiconductor NCP1246BLD100R2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
NCP1246
www.onsemi.com
11
TYPICAL CHARACTERISTIC
60
61
62
63
64
65
66
67
68
69
70
TEMPERATURE (
°C)
Figure 21. Oscillator fOSC for the 65 kHz
Version
−50
−25
0
25
50
75
100
125
90
91
92
93
94
95
96
97
98
99
100
Figure 22. Oscillator fOSC for the 100 kHz
Version
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
11.9
12.0
12.1
12.2
12.3
12.4
12.5
12.6
12.7
12.8
TEMPERATURE (
°C)
Figure 23. Maximum ON Time tONmax for the
65 kHz Version
−50
−25
0
25
50
75
100
125
7.8
7.9
8.0
8.1
8.2
8.3
8.4
TEMPERATURE (
°C)
Figure 24. Maximum ON Time tONmax for the
100 kHz Version
−50
−25
0
25
50
75
100
125
75
76
77
78
79
80
81
82
83
84
85
TEMPERATURE (
°C)
Figure 25. Maximum Duty Ratio DMAX
−50
−25
0
25
50
75
100
125
22
23
24
25
26
27
28
29
30
TEMPERATURE (
°C)
Figure 26. Minimum Switching Frequency
fOSC(min)
−50
−25
0
25
50
75
100
125


Similar Part No. - NCP1246BLD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246BLD100R2G ONSEMI-NCP1246BLD100R2G Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results

Similar Description - NCP1246BLD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com