Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1247CD100R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1247CD100R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1247CD100R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1247CD100R2G Datasheet HTML 3Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 10Page - ON Semiconductor NCP1247CD100R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
NCP1247
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
FEEDBACK
VFB to internal current setpoint division ratio
KFB
4.7
5
5.3
Internal pull−up voltage on the FB pin
(Note 6)
VFB(ref)
4.5
5
5.5
V
Feedback voltage below which the peak
current is frozen
VFB(freeze)
1.35
1.5
1.65
V
SKIP CYCLE MODE
Feedback voltage thresholds for skip mode
VFB going down
VFB going up
Vskip(in)
Vskip(out)
0.63
0.72
0.70
0.80
0.77
0.88
V
REMOTE CONTROL ON FB PIN
The voltage above which the part enters the
on mode
VCC > VCC(off), VHV = 60 V
VON
2.2
V
The voltage below which the part enters the
off mode
VCC > VCC(off)
VOFF
0.35
0.40
0.45
V
Minimum hysteresis between the VON and
VOFF
VCC > VCC(off), VHV = 60 V
VHYST
500
mV
Pull−up current in off mode
VCC > VCC(off)
IOFF
5
mA
Go To Off mode timer
VCC > VCC(off)
tGTOM
100
150
300
ms
OVERLOAD PROTECTION
Fault timer duration
tfault
108
128
178
ms
Autorecovery mode latch−off time duration
tautorec
0.85
1.00
1.35
s
OVERPOWER PROTECTION
VHV to IOPC conversion ratio
KOPC
0.54
mA / V
Current flowing out of CS pin (Note 7)
VHV = 125 V
VHV = 162 V
VHV = 325 V
VHV = 365 V
IOPC(125)
IOPC(162)
IOPC(325)
IOPC(365)
105
0
20
110
130
150
mA
FB voltage above which IOPC is applied
VHV = 365 V
VFB(OPCF)
2.12
2.35
2.58
V
FB voltage below which is no IOPC applied
VHV = 365 V
VFB(OPCE)
2.15
V
LATCH−OFF INPUT
High threshold
VLatch going up
VOVP
2.35
2.5
2.65
V
Low threshold
VLatch going down
VOTP
0.76
0.8
0.84
V
Current source for direct NTC connection
During normal operation
During soft−start
VLatch = 0 V
INTC
INTC(SSTART)
65
130
95
190
105
210
mA
Blanking duration on high latch detection
65 kHz version
100 kHz version
tLatch(OVP)
35
20
50
35
70
50
ms
Blanking duration on low latch detection
tLatch(OTP)
350
ms
Clamping voltage
ILatch = 0 mA
ILatch = 1 mA
Vclamp0(Latch)
Vclamp1(Latch)
1.0
1.8
1.2
2.4
1.4
3.0
V
TEMPERATURE SHUTDOWN
Temperature shutdown
TJ going up
TTSD
150
°C
Temperature shutdown hysteresis
TJ going down
TTSD(HYS)
30
°C
5. Internal supply current only, currents sourced via FB pin is not included (current is flowing in GND pin only).
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.


Similar Part No. - NCP1247CD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1247CD100R2G ONSEMI-NCP1247CD100R2G Datasheet
1Mb / 42P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2013 ??Rev. 0
More results

Similar Description - NCP1247CD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com