Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1075P130G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1075P130G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1075P130G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1075P130G Datasheet HTML 1Page - ON Semiconductor NCP1075P130G Datasheet HTML 2Page - ON Semiconductor NCP1075P130G Datasheet HTML 3Page - ON Semiconductor NCP1075P130G Datasheet HTML 4Page - ON Semiconductor NCP1075P130G Datasheet HTML 5Page - ON Semiconductor NCP1075P130G Datasheet HTML 6Page - ON Semiconductor NCP1075P130G Datasheet HTML 7Page - ON Semiconductor NCP1075P130G Datasheet HTML 8Page - ON Semiconductor NCP1075P130G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin N
5
Pin Name
Function
Pin Description
1
VCC
Powers the internal circuitry
This pin is connected to an external capacitor. The VCC includes an
active shunt which serves as an auto−recovery over voltage protection.
2
NC
3
GND
The IC Ground
4
FB
Feedback signal input
By connecting an opto−coupler to this pin, the peak current set point is
adjusted accordingly to the output power demand.
5
Drain
Drain connection
The internal drain MOSFET connection
6
This un−connected pin ensures adequate creepage distance
7
GND
The IC Ground
8
GND
The IC Ground
Vcc
Vcc
Management
UVLO
Reset
Vdd
t
Drain
Vcc
GND
S
R
Q
Q
UVLO
OSC
FB
Jittering
SKIP
I
FBskip
line
detection
t
recovery
SCP
OFF
SKIP = ”1” −−> shut
down some blocks to
reduce consumption
LEB
+
Soft
Start
Reset
+
Vclamp
80−us
filter
Vcc OVP
DRV
DRV
200 ns
to CS setpoint
Ipk(0)
Ipflag
Ipflag
I
FBfault
I
OVP
TSD
OFF UVLO
LineOK
LineOK
Reset SS as recovering from
SCP, TSD, Vcc OVP, or UVLO
S
R
Q
Q
I
FB
freeze
I
Sawtooth
Sawtooth
Ramp
compensation
Foldback
FB(up)
R
FB(REF)
V
SCP
Figure 3. Simplified Internal Circuit Architecture


Similar Part No. - NCP1075P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1075P100G ONSEMI-NCP1075P100G Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
More results

Similar Description - NCP1075P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com