Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1076P130G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1076P130G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1076P130G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1076P130G Datasheet HTML 1Page - ON Semiconductor NCP1076P130G Datasheet HTML 2Page - ON Semiconductor NCP1076P130G Datasheet HTML 3Page - ON Semiconductor NCP1076P130G Datasheet HTML 4Page - ON Semiconductor NCP1076P130G Datasheet HTML 5Page - ON Semiconductor NCP1076P130G Datasheet HTML 6Page - ON Semiconductor NCP1076P130G Datasheet HTML 7Page - ON Semiconductor NCP1076P130G Datasheet HTML 8Page - ON Semiconductor NCP1076P130G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2016 − Rev. 7
1
Publication Order Number:
NCP1070/D
NCP1070, NCP1071,
NCP1072, NCP1075,
NCP1076, NCP1077
High-Voltage Switcher for
Low Power Offline SMPS
The NCP107x products integrate a fixed frequency current mode
controller with a 700 V MOSFET. Available in a PDIP−7 or SOT−223
package, the NCP107x offer a high level of integration, including
soft−start, frequency−jittering, short−circuit protection, skip−cycle, a
maximum peak current set point, ramp compensation, and a Dynamic
Self−Supply (eliminating the need for an auxiliary winding).
Unlike other monolithic solutions, the NCP107x is quiet by nature:
during nominal load operation, the part switches at one of the available
frequencies (65, 100 or 130 kHz). When the output power demand
diminishes, the IC automatically enters frequency foldback mode and
provides excellent efficiency at light loads. When the power demand
reduces further, it enters into a skip mode to reduce the standby
consumption down to a no load condition.
Protection features include: a timer to detect an overload or a
short−circuit event, Overvoltage Protection with auto−recovery and
AC input line voltage detection.
For improved standby performance, the connection of an auxiliary
winding stops the DSS operation and helps to reduce input power
consumption below 50 mW at high line.
Features
Built−in 700 V MOSFET with RDS(on) of 4.7 W (NCP1076/77) /
11
W (NCP1072/75) / 22 W (NCP1070/71)
Large Creepage Distance Between High−voltage Pins
Current−Mode Fixed Frequency Operation – 65 / 100 / 130 kHz
Peak Current: NCP1070/72 with 250 mA, NCP1071 with 350 mA,
NCP1075 with 450 mA, NCP1076 with 650 mA and NCP1077 with
800 mA
Fixed Ramp Compensation
Skip−Cycle Operation at Low Peak Currents Only: No Acoustic
Noise!
Dynamic Self−Supply: No Need for an Auxiliary Winding
Internal 1 ms Soft−Start
Auto−Recovery Output Short Circuit Protection with
Timer−Based Detection
Auto−Recovery Overvoltage Protection with Auxiliary
Winding Operation
Frequency Jittering for Better EMI Signature, Including
Frequency Foldback Mode
No Load Input Consumption < 50 mW
Frequency Foldback to Improve Efficiency at Light
Load
Internal Temperature Shutdown
These are Pb−Free Devices
Typical Applications
Auxiliary / Standby Isolated Power Supplies White
Goods / Smart Meter / E−Meter
SOT−223
ST SUFFIX
CASE 318E
MARKING
DIAGRAMS
www.onsemi.com
PDIP−7
P SUFFIX
CASE 626A
1
x
= Current Limit (0, 1, 2, 5, 6 or 7)
y
= Oscillator Frequency
= A (65 kHz), B (100 kHz), C (130 kHz)
yyy
= 065, 100, 130
f
= OFF phase in fault mode
= P (420 ms), B (210 ms)
A
= Assembly Location
WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
AYW
107xy
G
G
P107xfyyy
AWL
YYWWG
See detailed ordering and shipping information on page 28 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1076P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1076 ONSEMI-NCP1076 Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1076A ONSEMI-NCP1076A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1076AAP065G ONSEMI-NCP1076AAP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1076AAP100G ONSEMI-NCP1076AAP100G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1076ABP065G ONSEMI-NCP1076ABP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
More results

Similar Description - NCP1076P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com