Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3170 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3170
Description  Synchronous PWM Switching Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3170 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3170_14 Datasheet HTML 2Page - ON Semiconductor NCP3170_14 Datasheet HTML 3Page - ON Semiconductor NCP3170_14 Datasheet HTML 4Page - ON Semiconductor NCP3170_14 Datasheet HTML 5Page - ON Semiconductor NCP3170_14 Datasheet HTML 6Page - ON Semiconductor NCP3170_14 Datasheet HTML 7Page - ON Semiconductor NCP3170_14 Datasheet HTML 8Page - ON Semiconductor NCP3170_14 Datasheet HTML 9Page - ON Semiconductor NCP3170_14 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP3170
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit from Figure 1, TA = 25°C, VIN = VEN = 12 V, VOUT = 3.3 V unless otherwise specified)
Figure 9. ICC Shut Down Current vs.
Temperature
Figure 10. NCP3170 Enabled Current vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
90
70
30
10
−10
−30
−50
0
3
9
12
18
21
27
30
110
90
70
50
10
−10
−30
−50
1.3
1.4
1.5
1.6
1.7
1.9
2.0
2.1
Figure 11. Bandgap Reference Voltage vs.
Temperature
Figure 12. Switching Frequency vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
70
50
30
10
−10
−30
−50
797
798
799
801
802
804
805
806
110
90
70
30
10
−10
−30
−50
496
497
498
499
500
501
502
503
Figure 13. Input Under Voltage Protection at
12 V vs. Temperature
Figure 14. Input Over Voltage Protection at
12 V vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
90
70
30
10
−10
−30
−50
705
710
715
720
725
730
735
110
90
70
30
10
−10
−30
−50
855
860
865
870
875
880
50
130
6
15
24
Input Voltage = 18 V
Input Voltage = 12 V
Input Voltage = 4.5 V
30
1.8
130
Input Voltage = 18 V
Input Voltage = 12 V
Input Voltage = 4.5 V
800
803
90
130
Input Voltage = 18 V
Input Voltage = 12 V
Input Voltage = 4.5 V
50
130
Input Voltage = 18 V
Input Voltage = 12 V
Input Voltage = 4.5 V
50
130
Under Voltage Protection Rising
Under Voltage Protection Falling
50
130
Over Voltage Protection Rising
Over Voltage Protection Falling


Similar Part No. - NCP3170_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170BDR2G ONSEMI-NCP3170BDR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
More results

Similar Description - NCP3170_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
NCP3125 ONSEMI-NCP3125 Datasheet
325Kb / 22P
   4 A Synchronous PWM Switching Converter
April, 2010 ??Rev. 1
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
   3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
   2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
Analog Intergrations Co...
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
   3A 23V Synchronous PWM Step-Down Converter
AIC2802 AIC-AIC2802 Datasheet
198Kb / 6P
   3A 23V Synchronous PWM Step-Down Converter
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
   2A 23V Synchronous PWM Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com