Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114BMX105TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP114BMX105TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX105TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP114BMX105TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 8Page - ON Semiconductor NCP114BMX105TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP114
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 85°C; VIN = VOUT(NOM) + 1 V for VOUT options greater than 1.5 V. Otherwise VIN = 2.5 V, whichever is greater; IOUT = 1 mA,
CIN = COUT = 1 mF, unless otherwise noted. VEN = 0.9 V. Typical values are at TJ = +25°C. Min./Max. are for TJ = −40°C and TJ = +85°C
respectively (Note 4).
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.7
5.5
V
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 85°C
VOUT ≤ 2.0 V
VOUT
−40
+40
mV
VOUT > 2.0 V
−2
+2
%
Line Regulation
VOUT + 0.5 V
≤ VIN ≤ 5.5 V (VIN ≥ 1.7 V)
RegLINE
0.01
0.1
%/V
Load Regulation − UDFN package
IOUT = 1 mA to 300 mA
RegLOAD
12
30
mV
Load Regulation − TSOP−5 package
28
45
Load Transient
IOUT = 1 mA to 300 mA or 300 mA to 1 mA
in 1
ms, COUT = 1 mF
TranLOAD
−50/
+30
mV
Dropout Voltage − UDFN package (Note 5)
IOUT = 300 mA
VOUT = 1.5 V
VDO
365
460
mV
VOUT = 1.85 V
245
330
VOUT = 2.8 V
155
230
VOUT = 3.0 V
145
220
VOUT = 3.1 V
140
210
VOUT = 3.3 V
135
200
Dropout Voltage − TSOP package (Note 5)
IOUT = 300 mA
VOUT = 1.5 V
VDO
380
485
mV
VOUT = 1.85 V
260
355
VOUT = 2.8 V
170
255
VOUT = 3.0 V
160
245
VOUT = 3.1 V
155
235
VOUT = 3.3 V
150
225
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
300
600
mA
Ground Current
IOUT = 0 mA
IQ
50
95
mA
Shutdown Current
VEN
≤ 0.4 V, VIN = 5.5 V
IDIS
0.01
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
0.3
1.0
mA
Power Supply Rejection Ratio
VIN = 3.6 V, VOUT = 3.1 V
IOUT = 150 mA
f = 1 kHz
PSRR
75
dB
Output Noise Voltage
VIN = 2.5 V, VOUT = 1.8 V, IOUT = 150 mA
f = 10 Hz to 100 kHz
VN
70
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25
°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Active Output Discharge Resistance
VEN < 0.4 V, Version A only
RDIS
100
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 1 V.


Similar Part No. - NCP114BMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX105TCG ONSEMI-NCP114BMX105TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results

Similar Description - NCP114BMX105TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com