Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3170BDR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP3170BDR2G
Description  Synchronous PWM Switching Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3170BDR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP3170BDR2G Datasheet HTML 6Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 7Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 8Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 9Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 10Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 11Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 12Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 13Page - ON Semiconductor NCP3170BDR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP3170
http://onsemi.com
10
DETAILED DESCRIPTION
The NCP3170 is a current-mode, step down regulator
with an integrated high-side PMOS switch and a low-side
NMOS switch. It operates from a 4.5 V to 18 V input voltage
range and supplies up to 3 A of load current. The duty ratio
can be adjusted from 8% to 92% allowing a wide output
voltage range. Features include enable control, Power-On
Reset (POR), input under voltage lockout, fixed internal soft
start, power good indication, over voltage protection, and
thermal shutdown.
Enable and Soft-Start
An internal input voltage comparator not shown in
Figure 28 will force the part to disable below the minimum
input voltage of 4.13 V. The input under voltage disable
feature is used to prevent improper operation of the
converter due to insufficient voltages. The converter can be
turned on by tying the enable pin high and the part will
default to be input voltage enabled. The enable pin should
never be left floating.
Figure 28. Input Voltage Enable
NCP3170
EN
VIN
AGND
4.5 V−18 V
C1IN
If an adjustable Under Voltage Lockout (UVLO)
threshold is required, the EN pin can be used. The trip
voltage of the EN pin comparator is 1.38 V typical. Upon
application of an input voltage greater than 4.41 V, the VIN
UVLO will release and the enable will be checked to
determine if switching can commence. Once the 1.38 V trip
voltage is crossed, the part will enable and the soft start
sequence will initiate. If large resistor values are used, the
EN pin should be bypassed with a 1 nF capacitor to prevent
coupling problems from the switch node.
Figure 29. Input Under Voltage Lockout Enable
NCP3170
EN
VIN
AGND
4.5 V−18 V
C1IN
R1UV
R2UV
C1UV
The enable pin can be used to delay a turn on by
connecting a capacitor as shown in Figure 30.
Figure 30. Delay Enable
NCP3170
EN
VIN
AGND
4.5 V−18 V
C1IN
Rbias
C1DLY
If the designer would like to add hysteresis to the enable
threshold it can be added by use of a bias resistor to the
output. The hysteresis is created once soft start has initiated.
With the output voltage rising, current flows into the enable
node, raising the voltage. The thresholds for enable as well
as hysteresis can be calculated using Equation 1.
VINHYS + VINStart * ENTH ) R1UV
(eq. 1)
VOUT * ENTH
R3UV
*
ENTH
R2UV
VINStart + ENTH
1 )
R1UV
R2UV ) R3UV
R2UV
R3UV
(eq. 2)
where:
ENTH
= Enable Threshold
VINSTART
= Input Voltage Start Threshold
R1UV
= High Side Resistor
R2UV
= Low Side Resistor
R3UV
= Hysteresis Bias Resistor
VOUT
= Regulated Output Voltage
Figure 31. Added Hysteresis to the Enable UVLO
NCP3170
EN
VIN
AGND
4.5 V−18 V
C1IN
R1UV
R2UV
R3UV
VOUT


Similar Part No. - NCP3170BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170BDR2G ONSEMI-NCP3170BDR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
More results

Similar Description - NCP3170BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
NCP3125 ONSEMI-NCP3125 Datasheet
325Kb / 22P
   4 A Synchronous PWM Switching Converter
April, 2010 ??Rev. 1
NCP3126 ONSEMI-NCP3126 Datasheet
311Kb / 23P
   3 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
   2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
Analog Intergrations Co...
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
   3A 23V Synchronous PWM Step-Down Converter
AIC2802 AIC-AIC2802 Datasheet
198Kb / 6P
   3A 23V Synchronous PWM Step-Down Converter
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
   2A 23V Synchronous PWM Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com