Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5252MNTXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5252MNTXG
Description  2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5252MNTXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5252MNTXG Datasheet HTML 2Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 3Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 4Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 5Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 6Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 7Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 8Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 9Page - ON Semiconductor NCP5252MNTXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP5252
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 13.2 V, TA = −40°C to 85°C, unless other noted)
Characteristics
Unit
Max
Typ
Min
Test Conditions
Symbol
SWITCHING MODULATOR
Minimum Ton
Ton_min
(Note 1)
40
50
60
ns
Minimum Toff
Toff_min
(Note 1)
200
225
250
ns
PWM Comparator Offset
(Note 1)
5.0
10
mV
Propagation Delay of PWM
Comparator
TD_PWM
(Note 1)
20
ns
VOLTAGE ERROR AMPLIFIER
DC Gain
GAIN_VEA
(Note 1)
80
88
dB
Open−Loop Phase Margin
PH_EA
(Note 1)
50
Deg
Unity Gain Bandwidth
BW_VEA
(Note 1)
15
20
MHz
Slew Rate
SR_VEA
COMP PIN TO GND = 100 pF
(Note 1)
5.0
V/ms
FB Bias Current
Ibias_FB
0.1
mA
Output Voltage Swing
Vmax_EA
Isource_EA = 2mA
3.3
3.5
V
Vmin_EA
Isink_EA = 2mA
0.15
0.3
V
OVERCURRENT PROTECTION LIMIT
High Side Peak Current Limit
(Cycle−by−Cycle)
HSOC
Ton Minimum > 100 ns
(Notes 1 & 2)
3.4
4.0
4.6
A
Low Side Valley Current Limit,
Short−Circuit (4 ms)
LSOC_S
(Notes 1 & 2)
3.0
3.75
4.5
A
Low Side Valley Current Limit
(Current Limit, 16 ms)
LSOC_L
(Notes 1 & 2)
2.0
2.5
3.4
A
POWER OUTPUT SECTION
Internal Main FET ON−Resistance
RDS(on)_M
(ILX=100mA, VBST−LX = 5 V,
FB = 0, TA = 25°C) (Note 1)
150
225
mW
Internal Sync FET ON−Resistance
RDS(on)_F
(ILX = 100 mA, FB = 1 V, TA = 25°C)
(Note 1)
100
150
mW
LX Leakage Current
LX_LK
VEN = 0V, LX = 0, VCC = 13.2 V
+5.0
mA
LX = 13.2, VCC = 13.2 V
−5.0
mA
CONTROL SECTION
EN / SKIP Logic Input Voltage for
Disable
VEN_DISABLE
Set as Disable
0.7
1.0
1.3
V
VEN_HYS
Hysteresis
300
mV
EN / SKIP Logic Input Voltage for
FPWM
VEN_FPWM
Set as FCCM mode
1.7
1.95
2.10
V
EN / SKIP Logic Input Voltage for
Skip Mode
VEN_SKIP
Set as SKIP Mode
2.25
2.45
2.65
V
VEN_HYS
Hysteresis
250
mV
EN / SKIP Source Current
IEN_SOURCE
VEN_SKIP = 0 V
0.1
mA
EN / SKIP Sink Current
IEN_SINK
VEN_SKIP = 5 V
0.1
mA
EN_SKIP Logic Input Delay
Change mode delay active
3
Clk
PGOOD Pin ON Resistance
PGOOD_R
I_PGOOD = 5 mA
75
W
PGOOD Pin OFF Current
PGOOD_LK
PGOOD = 5 V
1
mA
OUTPUT DISCHARGE MODE
Output Discharge On−Resistance
Rdischarge
EN = 0 V
20
35
W
THERMAL SHUTDOWN
Thermal Shutdown
Tsd
(Note 1)
150
°C
Thermal Shutdown Hysteresis
Tsdhys
(Note 1)
25
°C
1. Guaranteed by design, not tested in production.
2. Test mode disables the Ton/Toff min.


Similar Part No. - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252MNTXG ONSEMI-NCP5252MNTXG Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
More results

Similar Description - NCP5252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Sanken electric
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
   Light Load High Efficiency, 31V, Buck Regulator
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
   Light Load High Efficiency, 31V, Buck Regulator
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
   Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com