Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1077P130G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1077P130G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1077P130G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1077P130G Datasheet HTML 2Page - ON Semiconductor NCP1077P130G Datasheet HTML 3Page - ON Semiconductor NCP1077P130G Datasheet HTML 4Page - ON Semiconductor NCP1077P130G Datasheet HTML 5Page - ON Semiconductor NCP1077P130G Datasheet HTML 6Page - ON Semiconductor NCP1077P130G Datasheet HTML 7Page - ON Semiconductor NCP1077P130G Datasheet HTML 8Page - ON Semiconductor NCP1077P130G Datasheet HTML 9Page - ON Semiconductor NCP1077P130G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For all NCP107X products except NCP1072P100BG: For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 8 V
unless otherwise noted)
(For NCP1072P100BG: For typical values TJ = 25°C, for min/max values TJ = −55°C (Note 7) to +125°C, VCC = 8 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
CURRENT COMPARATOR
IIPK(0)
Maximum internal current setpoint at beginning of switching cycle
FB pin open, Tj = 25
°C
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
273
382
254
467
689
846
304
425
282
508
765
940
334
467
310
549
841
1034
mA
IIPKSW
Final switch current with a primary slope of 200 mA/
ms,
FSW =65 kHz (Note 4)
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
314
427
296
510
732
881
mA
IIPKSW
Final switch current with a primary slope of 200 mA/
ms,
FSW =100 kHz (Note 4)
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
309
415
293
500
706
845
mA
IIPKSW
Final switch current with a primary slope of 200 mA/
ms,
FSW =130 kHz
NCP1070
NCP1071
NCP1072 (Note 5)
NCP1075
NCP1076
NCP1077
303
407
291
493
684
814
mA
TSS
Soft−start duration (guaranteed by design)
1
ms
TLEB
Leading Edge Blanking Duration
200
ns
Tprop
Propagation delay from current detection to drain OFF state
100
ns
INTERNAL OSCILLATOR
fOSC
Oscillation frequency, 65 kHz version, Tj = 25
°C (Note 6)
59
65
71
kHz
fOSC
Oscillation frequency, 100 kHz version, Tj = 25
°C (Note 6)
90
100
110
kHz
fOSC
Oscillation frequency, 130 kHz version, Tj = 25
°C (Note 5 et 6)
117
130
143
kHz
fjitter
Frequency jittering in percentage of fOSC
±6
%
fswing
Jittering swing frequency
300
Hz
Dmax
Maximum duty−cycle
NCP1070/71/72/75 except NCP1072P100BG
NCP1076/77/72B & NCP1072P100BG
62
65
68
69
72
73
%
FEEDBACK SECTION
IFBfault
FB current for which Fault is detected
4
−35
mA
IFB100%
FB current for which internal current set−point is 100% (IIPK(0))
4
−44
mA
IFBFreeze
FB current for which internal current set−point is IFreeze
4
−90
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The final switch current is: IIPK(0) / (Vin/LP + Sa) x Vin/LP + Vin/LP x tprop, with Sa the built−in slope compensation, Vin the input voltage, LP
the primary inductor in a flyback, and tprop the propagation delay.
5. NCP1072 130 kHz on demand only.
6. Oscillator frequency is measured with disabled jittering.
7. For coldest temperature, QA sampling at −40
°C in production and −55°C specification is Guaranteed by Characterization.


Similar Part No. - NCP1077P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1077 ONSEMI-NCP1077 Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1077A ONSEMI-NCP1077A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077AAP065G ONSEMI-NCP1077AAP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077AAP100G ONSEMI-NCP1077AAP100G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077ABP065G ONSEMI-NCP1077ABP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
More results

Similar Description - NCP1077P130G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com