Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS5452 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NIS5452
Description  5 Volt Electronic Fuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5452 Datasheet(HTML) 6 Page - ON Semiconductor

  NIS5452_16 Datasheet HTML 1Page - ON Semiconductor NIS5452_16 Datasheet HTML 2Page - ON Semiconductor NIS5452_16 Datasheet HTML 3Page - ON Semiconductor NIS5452_16 Datasheet HTML 4Page - ON Semiconductor NIS5452_16 Datasheet HTML 5Page - ON Semiconductor NIS5452_16 Datasheet HTML 6Page - ON Semiconductor NIS5452_16 Datasheet HTML 7Page - ON Semiconductor NIS5452_16 Datasheet HTML 8Page - ON Semiconductor NIS5452_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NIS5452 Series
www.onsemi.com
6
Figure 10. Common Thermal Shutdown
+ 5 V
GND
LOAD
Enable
11
8
NIS5452
VIN
VOUT
Enable/Fault
GND
5
10
3
4
2
1
dV /dt
RLIMIT
9
ILimit
7
+ 12 V
LOAD
11
3
NIS5232
VIN
VOUT
Enable/Fault
GND
10
1
8
9
7
6
dV /dt
2
ILimit
4
RLIMIT
APPLICATION INFORMATION
Basic Operation
This device is a self−protected, resettable, electronic fuse.
It contains circuits to monitor the input voltage, output
voltage, output current and die temperature.
On application of the input voltage, the device will apply
the input voltage to the load based on the restrictions of the
controlling circuits. The dv/dt of the output voltage will be
controlled by the internal dv/dt circuit. The output voltage
will slew from 0 V to the rated output voltage in 1.4 ms,
unless additional capacitance is added to the dv/dt pin.
The device will remain on as long as the temperature does
not exceed the 175
°C limit that is programmed into the chip.
The current limit circuit does not shut down the part but will
reduce the conductivity of the FET to maintain a constant
current at the internally set current limit level. The input
overvoltage clamp also does not shutdown the part, but will
limit the output voltage to the Vout−clamp value in the event
that the input exceeds that level.
An internal charge pump provides bias for the gate voltage
of the internal n−channel power FET and also for the current
limit circuit. The remainder of the control circuitry operates
between the input voltage (VCC) and ground.
Application Information
It is recommended to connect an input decoupling
capacitor and an output filtering capacitor to the device to
attenuate the power supply noise and the possible voltage
spikes caused by inductive loads. The values of these
capacitors depend on the characteristics of the power supply
and the inductance observed by the device at its input and
output, however, minimum values of 1
mF for the input
capacitor and 22
mF for the output capacitor are
recommended for most applications.
Power Limit
Refer to Application Note AND9042/D for ILIMSE
limitations.
Current Limit
The current limit circuit uses a SENSEFET along with a
reference and amplifier to control the peak current in the
device. The SENSEFET allows for a small fraction of the
load current to be measured, which has the advantage of
reducing the losses in the sense resistor as well as increasing
the value and decreasing the power rating of the sense
resistor. Sense resistors are typically in the tens of ohms
range with power ratings of several milliwatts making them
very inexpensive chip resistors.
The current limit circuit has two limiting values, one for
overload events which are defined as the mode of operation
in which the gate is high and the FET is fully enhanced. The
short circuit mode of operation occurs when the device is
actively limiting the current and the gate is at an intermediate
level. For a more detailed description of this circuit please
refer to application note AND8140.
There are two methods of biasing the current limit circuit
for this device. They are shown in the two application
figures. Direct current sensing connects the sense resistor
between the current limit pin and the load. This method
includes the bond wire resistance in the current limit circuit.
This resistance has an impact on the current limit levels for
a given resistor and may vary slightly depending on the
impedance between the sense resistor and the source pins.
The on resistance of the device will be slightly lower in this
configuration since all five source pins are connected in
parallel and therefore, the effective bond wire resistance is
one fifth of the resistance for any given pin.
The other method is Kelvin sensing. This method uses one
of the source pins as the connection for the current sense
resistor. This connection senses the voltage on the die and
therefore any bond wire resistance and external impedance
on the board have no effect on the current limit levels. In this
configuration the on resistance is slightly increased relative
to the direct sense method since only four of the source pins
are used for power.


Similar Part No. - NIS5452_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5452MT1TXG ONSEMI-NIS5452MT1TXG Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5452MT2TXG ONSEMI-NIS5452MT2TXG Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
More results

Similar Description - NIS5452_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5135 ONSEMI-NIS5135_13 Datasheet
286Kb / 11P
   5 Volt Electronic Fuse
February, 2013 ??Rev. 10
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
   Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com