Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS5452 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NIS5452
Description  5 Volt Electronic Fuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5452 Datasheet(HTML) 4 Page - ON Semiconductor

  NIS5452_16 Datasheet HTML 1Page - ON Semiconductor NIS5452_16 Datasheet HTML 2Page - ON Semiconductor NIS5452_16 Datasheet HTML 3Page - ON Semiconductor NIS5452_16 Datasheet HTML 4Page - ON Semiconductor NIS5452_16 Datasheet HTML 5Page - ON Semiconductor NIS5452_16 Datasheet HTML 6Page - ON Semiconductor NIS5452_16 Datasheet HTML 7Page - ON Semiconductor NIS5452_16 Datasheet HTML 8Page - ON Semiconductor NIS5452_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NIS5452 Series
www.onsemi.com
4
Figure 2. Application Circuit with Direct Current Sensing
+ 5 V
GND
LOAD
Enable
11
8
NIS5452
VIN
VOUT
Enable/Fault
GND
5
10
3
4
2
1
dV /dt
RLIMIT
9
ILimit
7
Figure 3. Current Limit vs. RLimit for Direct
Sensing
RLIMIT (W)
25
20
15
10
5
1
10
100
30
ILIM(OL)
ILIM(SC)
Figure 4. Overload Current Limit vs. RLimit for
Direct Sensing and Ambient Temperature
RLIMIT (W)
30
25
20
15
10
5
1
10
100
25
°C
Figure 5. Short Circuit Current Limit vs. RLimit for Direct Sensing and Ambient Temperature
RLIMIT (W)
25
20
15
10
5
1
10
100
30
−40
°C
125
°C
−40
°C
125
°C


Similar Part No. - NIS5452_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5452MT1TXG ONSEMI-NIS5452MT1TXG Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5452MT2TXG ONSEMI-NIS5452MT2TXG Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
More results

Similar Description - NIS5452_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5135 ONSEMI-NIS5135_13 Datasheet
286Kb / 11P
   5 Volt Electronic Fuse
February, 2013 ??Rev. 10
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
   Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com