Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8703SN33T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8703SN33T1G
Description  LDO Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8703SN33T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8703SN33T1G Datasheet HTML 1Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 2Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 3Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 4Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 5Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 6Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 7Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 8Page - ON Semiconductor NCV8703SN33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCV8703
http://onsemi.com
3
Table 3. THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, TSOP−5,
Thermal Resistance, Junction−to−Air
Thermal Characterization Parameter, Junction−to−Lead (Pin 2)
qJA
yJL
241
129
C/W
Thermal Characteristics, XDFN6 1.5 x 1.5 mm
Thermal Resistance, Junction−to−Air
Thermal Characterization Parameter, Junction−to−Board
qJA
yJB
146
77
C/W
3. Single component mounted on 1 oz, FR4 PCB with 645 mm2 Cu area.
Table 4. ELECTRICAL CHARACTERISTICS
(−40C  TJ  125C; VIN = VOUT(NOM) + 0.5 V or 2.0 V, whichever is greater; VEN = 0.9 V, IOUT = 10 mA, CIN = COUT = 1 mF unless
otherwise noted. Typical values are at TJ = +25C.) (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.0
5.5
V
Undervoltage Lock−out
VIN rising
UVLO
1.2
1.6
1.9
V
Output Voltage Accuracy
VOUT + 0.5 V  VIN  5.5 V, IOUT = 0 − 300 mA
VOUT
−2
+2
%
Line Regulation
VOUT + 0.5 V  VIN  4.5 V, IOUT = 10 mA
RegLINE
450
mV/V
VOUT + 0.5 V  VIN  5.5 V, IOUT = 10 mA
RegLINE
600
mV/V
Load Regulation
IOUT = 0 mA to 300 mA
RegLOAD
20
mV/mA
Load Transient
IOUT = 1 mA to 300 mA or 300 mA to 1 mA in
1 ms, COUT = 1 mF
TranLOAD
−100/
+150
mV
Dropout Voltage (Note 5)
IOUT = 300 mA, VOUT(nom) = 2.5 V
VDO
180
300
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
310
450
750
mA
Quiescent Current
IOUT = 0 mA
IQ
12
20
mA
Ground Current
IOUT = 300 mA
IGND
200
mA
Shutdown Current
VEN  0.4 V, TJ = +25C
IDIS
0.12
mA
VEN  0 V, VIN = 2.0 to 4.5 V, TJ = −40 to +85C
IDIS
0.55
2
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage Increasing
VEN Voltage Decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−On Time
COUT = 1.0 mF, from assertion EN pin to 98%
VOUT(nom)
tON
200
ms
Power Supply Rejection Ratio
VIN = 3 V, VOUT = 2.5 V
IOUT = 300 mA
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
70
68
53
dB
Output Noise Voltage
VOUT = 2.5 V, VIN = 3 V, IOUT = 300 mA
f = 100 Hz to 100 kHz
VN
13
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25C
TSD
160
C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
C
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TJ = TA
= 25_C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.5 V.


Similar Part No. - NCV8703SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703SN33T1G ONSEMI-NCV8703SN33T1G Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
September, 2012 ??Rev. 0
More results

Similar Description - NCV8703SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com