Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8715MX18TBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8715MX18TBG
Description  Wide Input Voltage, Low Dropout Linear Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8715MX18TBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8715MX18TBG Datasheet HTML 3Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 4Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 5Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 6Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 7Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 8Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 9Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 10Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NCV8715
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS − Voltage Version 2.1 V
−40
°C ≤ TJ ≤ 125°C; VIN = 3.1V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C. (Note 19)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
0 < IOUT < 50 mA
VIN
3.1
24
V
Output Voltage Accuracy
3.1 V < VIN < 24 V, 0 < IOUT < 50 mA
VOUT
2.058
2.1
2.142
V
Line Regulation
3.1 V
≤ VIN ≤ 24 V, IOUT = 1 mA
RegLINE
3
45
mV
3.3 V
≤ VIN ≤ 24 V, IOUT = 1 mA
3
10
Load Regulation
IOUT = 0 mA to 50 mA
RegLOAD
10
15
mV
Dropout Voltage (Note 17)
VDO
mV
Maximum Output Current
(Note 20)
IOUT
100
200
mA
Ground Current
0 < IOUT < 50 mA, VIN = 24 V
IGND
3.4
5.8
mA
Power Supply Rejection Ratio
VIN = 3.1 V, VOUT = 2.1 V
VPP = 200 mV modulation
IOUT = 1 mA, COUT =10 mF
f = 100 kHz
PSRR
60
dB
Output Noise Voltage
VOUT = 2.1 V, IOUT = 50 mA
f = 200 Hz to 100 kHz, COUT = 10 mF
VN
105
mVrms
Thermal Shutdown Temperature
(Note 18)
Temperature increasing from TJ = +25
°C
TSD
170
°C
Thermal Shutdown Hysteresis
(Note 18)
Temperature falling from TSD
TSDH
15
°C
17. Not characterized at VIN = 3.1 V, VOUT = 2.1 V, IOUT = 50 mA
18. Guaranteed by design and characterization.
19. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25
°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
20. Respect SOA.


Similar Part No. - NCV8715MX18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715MX18TBG ONSEMI-NCV8715MX18TBG Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
More results

Similar Description - NCV8715MX18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
   Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632_17 Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com