Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8752BSN18T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8752BSN18T1G
Description  Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8752BSN18T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8752BSN18T1G Datasheet HTML 1Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 2Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 3Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 4Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 5Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 6Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 7Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 8Page - ON Semiconductor NCV8752BSN18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NCV8752
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Power Good Output
VPG
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
125
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114),
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115),
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, TSOP−5,
Thermal Resistance, Junction−to−Air
RqJA
224
°C/W
Thermal Characteristics, XDFN6 1.5x1.5mm
Thermal Resistance, Junction−to−Air
RqJA
149
°C/W
3. Single component mounted on 1 oz FR 4 PCB with 645 mm2 cu area.


Similar Part No. - NCV8752BSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752BSN18T1G ONSEMI-NCV8752BSN18T1G Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
More results

Similar Description - NCV8752BSN18T1G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com