Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP12510ASN65T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP12510ASN65T1G
Description  Current-Mode PWM Controller for Off-line Power Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12510ASN65T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP12510ASN65T1G Datasheet HTML 4Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 5Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 6Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 7Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 8Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 9Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 10Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 11Page - ON Semiconductor NCP12510ASN65T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NCP12510
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10.
Figure 11.
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
1
2
3
4
5
7
8
10
125
100
75
50
25
0
−25
−50
100
200
250
300
400
500
Figure 12.
Figure 13.
TEMPERATURE (
°C)
TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0.6
0.7
0.9
1.0
1.1
1.3
1.4
1.6
125
100
75
50
25
0
−25
−50
100
150
200
250
300
400
450
500
Figure 14.
Figure 15.
TEMPERATURE (
°C)
ADAPTER OUTPUT CURRENT (A)
125
100
75
50
25
0
−25
−50
1.4
1.5
1.7
1.8
1.9
2.2
2.3
2.4
3.0
2.5
2.0
1.5
3.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
6
150
350
450
0.8
1.2
1.5
350
2.0
9
1.6
2.1
2.5
65 kHz
65 kHz
VIN = 120 Vac


Similar Part No. - NCP12510ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510ASN65T1G ONSEMI-NCP12510ASN65T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results

Similar Description - NCP12510ASN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com