Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59300 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP59300
Description  3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59300 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP59300 Datasheet HTML 1Page - ON Semiconductor NCP59300 Datasheet HTML 2Page - ON Semiconductor NCP59300 Datasheet HTML 3Page - ON Semiconductor NCP59300 Datasheet HTML 4Page - ON Semiconductor NCP59300 Datasheet HTML 5Page - ON Semiconductor NCP59300 Datasheet HTML 6Page - ON Semiconductor NCP59300 Datasheet HTML 7Page - ON Semiconductor NCP59300 Datasheet HTML 8Page - ON Semiconductor NCP59300 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP59300, NCV59300 Series
http://onsemi.com
2
TYPICAL APPLICATIONS
Figure 1. Fixed 2.5 V Regulator with Error Flag
+
+
COUT
47 mF, Ceramic
100k
VIN
EN
VOUT
FLG
GND
VOUT = 2.5 V
CIN
VIN = 3.0 V
NCP59301
Figure 2. Fixed 2.5 V Regulator in D2PAK−3 Package
+
+
COUT
47 mF, Ceramic
VIN
VOUT
GND
VOUT = 2.5 V
CIN
VIN = 3.0 V
NCP59300
PIN FUNCTION DESCRIPTION
Pin Number
D2PAK−5
Pin Number
D2PAK−3
Pin Name
Pin Function
1
EN
Enable Input: CMOS and TTL logic compatible. Logic high = enable; Logic low =
shutdown.
2
1
VIN
Input voltage which supplies both the internal circuitry and the current to the output
load
3
2
GND
Ground
TAB
TAB
TAB
TAB is connected to ground.
4
3
VOUT
Linear Regulator Output.
5
FLG
Error Flag Open collector output.
Active−low indicates an output fault condition.
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VIN
Supply Voltage
0 to 18
V
VEN
Enable Input Voltage
0 to 18
V
VFLG
Error Flag Open Collector Output Maximum Voltage
0 to 18
V
VOUT – VIN
Reverse VOUT – VIN Voltage (EN = Shutdown or VIN = 0 V) (Note 1)
0 to 6.5
V
PD
Power Dissipation (Notes 2 and 3)
Internally Limited
TJ
Junction Temperature
–40 v TJ v +125
C
TS
Storage Temperature
–65 v TJ v +150
C
ESD Rating (Notes 4 and 5)
Human Body Model
Machine Model
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: All voltages are referenced to GND pin unless otherwise noted.
1. The ENABLE pin input voltage must be  0.8 V or VIN must be connected to ground potential.
2. PD(max) = (TJ(max) – TA) / RqJA, where RqJA depends upon the printed circuit board layout.
3. This protection is not guaranteed outside the Recommended Operating Conditions.
4. Devices are ESD sensitive. Handling precautions recommended..
5. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model (HBM) tested per AEC*Q100*002 (EIA/JESD22*A114C)
ESD Machine Model (MM) tested per AEC*Q100*003 (EIA/JESD22*A115C)
This device contains latch*up protection and exceeds 100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP59300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results

Similar Description - NCP59300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com