Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV59301DS28R4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV59301DS28R4G
Description  3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59301DS28R4G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV59301DS28R4G Datasheet HTML 1Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 2Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 3Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 4Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 5Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 6Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 7Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 8Page - ON Semiconductor NCV59301DS28R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP59300, NCV59300 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
TJ = 25C if not otherwise noted
FREQUENCY (Hz)
Figure 3. Power Supply Rejection Ratio
COUT = 100 mF
Ceramic
COUT = 47 mF
Ceramic
VIN = 3.5 V
VOUT = 2.5 V, IOUT = 3 A,
CIN = 0
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10k
100k
1M
FREQUENCY (Hz)
Figure 4. Power Supply Rejection Ratio
COUT = 100 mF
Ceramic
COUT = 47 mF
Ceramic
VIN = 3.5 V
VOUT = 2.5 V, IOUT = 1 A,
CIN = 0
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10k
100k
1M
OUTPUT CURRENT (A)
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 5. Dropout Voltage vs. Output Current
VOUTnom = 2.5 V
0
50
100
150
200
250
300
350
400
450
−50 −30 −10
10
30
50
70
90
110 130
Figure 6. Dropout Voltage vs. Temperature
VOUTnom = 2.5 V
IOUT = 3 A
SUPPLY VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1
1.2 1.4
1.6
1.8
2
2.2
2.4 2.6 2.8
3
Figure 7. Dropout Characteristics (2.5 V)
10 mA
3 A
1 A
2 A
TEMPERATURE (C)
2.5
SUPPLY VOLTAGE (V)
00.5
11.5
22.5
33.5
4
4.5
5
Figure 8. Ground Current vs. Supply Voltage
(2.5 V)
10 mA
2
1.5
1
0.5
0


Similar Part No. - NCV59301DS28R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59302 ONSEMI-NCV59302 Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCV59302DSADJR4G ONSEMI-NCV59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
More results

Similar Description - NCV59301DS28R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com