Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CR483VJD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR483VJD
Description  48-Bit LVDS Channel Link Serializer/Deserializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR483VJD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CR483VJD Datasheet HTML 1Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR483VJD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High
Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low
Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply
Current
Worst Case
R
L = 100Ω,CL = 5 pF,
Worst Case Pattern
(
Figures 1, 2)
f = 33 MHz
91.4
140
mA
f = 66 MHz
106
160
mA
f = 112 MHz
155
190
mA
ICCTZ
Transmitter Supply
Current
Power Down
PD = Low
550
µA
Driver Outputs in TRI-STATE under Powerdown
Mode
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply
Current
Worst Case
C
L = 8 pF,
Worst Case Pattern
(
Figures 1, 3)
f = 33 MHz
125
150
mA
f = 66 MHz
215
250
mA
f = 112 MHz
350
380
mA
ICCRZ
Receiver Supply
Current
Power Down
PD = LowReceiver Outputs stay low during
Power down mode.
20
100
µA
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (
Figure 4)
1.0
2.0
3.0
ns
TCIP
TxCLK IN Period (
Figure 5)
8.928
T
30.3
ns
TCIH
TxCLK in High Time (
Figure 5)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK in Low Time (
Figure 5)
0.35T
0.5T
0.65T
ns
TXIT
TxIN Transition Time
1.5
6.0
ns
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time, (
Figure 2),
PRE = 0.75V (disabled)
0.14
0.7
ns
LVDS Low-to-High Transition Time, (
Figure 2),
PRE = Vcc (max)
0.11
0.6
ns
LHLT
LVDS High-to-Low Transition Time, (
Figure 2),
PRE = 0.75V (disabled)
0.16
0.8
ns
LVDS High-to-Low Transition Time, (
Figure 2),
PRE = Vcc (max)
0.11
0.7
ns
TBIT
Transmitter Bit Width
1/7 TCIP
ns
TCCS
TxOUT Channel to Channel Skew
100
ps
TSTC
TxIN Setup to TxCLK IN, (
Figure 5)
2.5
ns
THTC
TxIN Hold to TxCLK IN, (
Figure 5)0
ns
TPDL
Transmitter Propagation Delay - Latency, (
Figure 7)
1.5(TCIP)+3.72
1.5(TCIP)+4.4
1.5(TCIP)+6.24
ns
TPLLS
Transmitter Phase Lock Loop Set, (
Figure 9)10
ms
TPDD
Transmitter Powerdown Delay, (
Figure 11)
100
ns
www.national.com
4


Similar Part No. - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483VJD NSC-DS90CR483VJD Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
Texas Instruments
DS90CR483VJD TI1-DS90CR483VJD Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483VJD/NOPB TI1-DS90CR483VJD/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483VJDX TI1-DS90CR483VJDX Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483VJDX/NOPB TI1-DS90CR483VJDX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
More results

Similar Description - DS90CR483VJD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486_06 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS90CR485 NSC-DS90CR485 Datasheet
330Kb / 16P
   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
Texas Instruments
DS90CR485 TI1-DS90CR485_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
DS90CR486 TI1-DS90CR486_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com