Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP508SQ30T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP508SQ30T1G
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508SQ30T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP508SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 8Page - ON Semiconductor NCP508SQ30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP508
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
−40 −20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 2. Dropout Voltage vs. Temperature,
1.5 V
Vout = Vout(nom) − 0.1 V
Iload = 40 mA
0
50
100
150
200
250
300
−40 −20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 3. Dropout Voltage vs. Temperature,
3.3 V
Vout = Vout(nom) − 0.1 V
Iload = 40 mA
1.49
1.492
1.494
1.496
1.498
1.5
1.502
1.504
1.506
−40 −20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 4. Output Voltage vs. Temperature,
1.5 V
Vout = Vout(nom) + 1 V
Iload = 1 mA
3.29
3.295
3.3
3.305
3.31
3.315
3.32
−40 −20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 5. Output Voltage vs. Temperature,
3.3 V
Vout = Vout(nom) + 1 V
Iload = 1 mA
150
160
170
180
190
200
210
220
230
TEMPERATURE (°C)
Figure 6. Output Current Limit vs.
Temperature, 1.5 V
Vout = Vout(nom) − 0.1 V
−40 −20
0
20
40
60
80
100
120
0
50
100
150
200
250
TEMPERATURE (°C)
Figure 7. Output Current Limit vs.
Temperature, 3.3 V
−40 −20
0
20
40
60
80
100
120
Vout = Vout(nom) − 0.1 V


Similar Part No. - NCP508SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508SQ30T1G ONSEMI-NCP508SQ30T1G Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP508SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com