Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP694H12HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP694H12HT1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694H12HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP694H12HT1G Datasheet HTML 1Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 2Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 3Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 4Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 5Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 6Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 7Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 8Page - ON Semiconductor NCP694H12HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP694
http://onsemi.com
2
Figure 1. Pin Description
12
3
3
2
1
4
54
5
12 3
65 4
32 1
45 6
(TOP VIEW)
(BOTTOM VIEW)
(TOP VIEW)
(BOTTOM VIEW)
SOT−89−5
HSON−6
PIN FUNCTION DESCRIPTION FOR SOT−89−5 PACKAGE
Pin No.
Pin Name
Description
1
ADJ/NC
Adjust pin for NCP694DADJHT1G and NCP694HADJHT1G / No connection
2
GND
Power supply ground
3
CE
This input is used to place the device into low−power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
4
Vin
Positive power supply input voltage.
5
Vout
Regulated output voltage.
PIN FUNCTION DESCRIPTION FOR HSON−6 PACKAGE
Pin No.
Pin Name
Description
1
Vout
Regulated output voltage
2
Vout
Regulated output voltage
3
ADJ / NC
Adjust pin for NCP694DSANADJT1G and NCP694HSANADJT1G / No connection
4
GND
Power supply ground
5
CE
This input is used to place the device into low power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
6
Vin
Positive power supply input voltage
Current Limit&
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Current Limit&
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Version H (NCP694HxxxxT1G)
Figure 2. Internal Block Diagram
Version D (NCP694DxxxxT1G)


Similar Part No. - NCP694H12HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694H12HT1G ONSEMI-NCP694H12HT1G Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
More results

Similar Description - NCP694H12HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com