Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP717AMX180TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP717AMX180TCG
Description  Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717AMX180TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP717AMX180TCG Datasheet HTML 3Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 4Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 5Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 6Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 7Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 8Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 9Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 10Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP717
www.onsemi.com
7
Figure 18. Dropout Voltage vs. Output Current
VOUT = 1.5 V
Figure 19. Dropout Voltage vs. Output Current
VOUT = 1.85 V
0
0.7
OUTPUT CURRENT (A)
0.05
0.3
0.25
0.2
0.1
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 125°C
CIN = COUT = 1 mF
VOUT(NOM) = 1.5 V
TA = 25°C
TA = −40°C
0.45
OUTPUT CURRENT (A)
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
CIN = COUT = 1 mF
VOUT(NOM) = 1.85 V
TA = 125°C
TA = 25°C
TA = −40°C
0.15
0
0.05
0.3
0.25
0.2
0.1
0.15
Figure 20. Dropout Voltage vs. Output Current
VOUT = 2.8 V
Figure 21. Dropout Voltage vs. Output Current
VOUT = 3.0 V
Figure 22. Dropout Voltage vs. Output Current
VOUT = 3.1 V
Figure 23. Dropout Voltage vs. Output Current
VOUT = 3.3 V
0.3
OUTPUT CURRENT (A)
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 2.8 V
OUTPUT CURRENT (A)
CIN = COUT = 1 mF
VOUT(NOM) = 3.0 V
TA = 125°C
TA = 25°C
TA = −40°C
OUTPUT CURRENT (A)
0
OUTPUT CURRENT (A)
0.04
0.2
0.16
0.12
0.08
0.200
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
CIN = COUT = 1 mF
VOUT(NOM) = 3.3 V
TA = 125°C
TA = 25°C
TA = −40°C
CIN = COUT = 1 mF
VOUT(NOM) = 3.3 V
0
0.05
0.3
0.25
0.2
0.1
0.15
0.25
0.2
0.15
0.1
0.05
0
0.3
TA = 125°C
TA = 25°C
TA = −40°C
0
0.05
0.3
0.25
0.2
0.1
0.15
0.25
0.2
0.15
0.1
0.05
0
0.3
0.25
0.2
0.15
0.1
0.05
0
0
0.05
0.3
0.25
0.2
0.1
0.15


Similar Part No. - NCP717AMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717AMX180TCG ONSEMI-NCP717AMX180TCG Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
More results

Similar Description - NCP717AMX180TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D_15 Datasheet
134Kb / 3P
   REGULATOR
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
   REGULATOR
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
   Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
   REGULATOR
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com