Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP717AMX180TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP717AMX180TCG
Description  Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717AMX180TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP717AMX180TCG Datasheet HTML 1Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 2Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 3Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 4Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 5Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 6Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 7Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 8Page - ON Semiconductor NCP717AMX180TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP717
www.onsemi.com
4
Figure 1. Output Voltage vs. Temperature
VOUT = 1.2 V
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
IOUT = 10 mA
IOUT = 300 mA
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.2 V
Figure 1. Output Voltage vs. Temperature
VOUT = 1.5 V
1.510
1.505
1.500
1.495
1.490
1.485
1.480
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
IOUT = 10 mA
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.5 V
IOUT = 300 mA
1.515
1.520
Figure 2. Output Voltage vs. Temperature
VOUT = 1.85 V
Figure 3. Output Voltage vs. Temperature
VOUT = 2.85 V
Figure 4. Output Voltage vs. Temperature
VOUT = 3.0 V
JUNCTION TEMPERATURE (
°C)
1.810
−40
−20
0
140
120
100
20
40
60
80
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.8 V
IOUT = 10 mA
IOUT = 300 mA
2.860
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
IOUT = 10 mA
IOUT = 300 mA
CIN = COUT = 1 mF
VIN = 3.35 V
VOUT(NOM) = 2.85 V
JUNCTION TEMPERATURE (
°C)
3.000
−40
−20
0
140
120
100
20
40
60
80
2.995
2.990
2.985
2.980
2.975
2.970
IOUT = 10 mA
IOUT = 300 mA
CIN = COUT = 1 mF
VIN = 3.5 V
VOUT(NOM) = 3.0 V
1.805
1.800
1.795
1.790
1.785
1.780
1.775
2.855
2.850
2.845
2.840
2.835
2.830
Figure 5. Quiescent Current vs. Temperature
VOUT = 1.5 V
35
0
0.5
1
5.5
5
4.5
1.5
2
2.5
4
INPUT VOLTAGE (V)
30
25
20
15
10
5
0
3.5
3
TA = 125°C
CIN = COUT = 1 mF
IOUT = 0 mA
VOUT(NOM) = 1.5 V
TA = 25°C
TA = −40°C


Similar Part No. - NCP717AMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717AMX180TCG ONSEMI-NCP717AMX180TCG Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
More results

Similar Description - NCP717AMX180TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D_15 Datasheet
134Kb / 3P
   REGULATOR
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
   REGULATOR
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
   Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
   REGULATOR
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com