Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1597 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1597
Description  Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1597 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1597_13 Datasheet HTML 1Page - ON Semiconductor NCP1597_13 Datasheet HTML 2Page - ON Semiconductor NCP1597_13 Datasheet HTML 3Page - ON Semiconductor NCP1597_13 Datasheet HTML 4Page - ON Semiconductor NCP1597_13 Datasheet HTML 5Page - ON Semiconductor NCP1597_13 Datasheet HTML 6Page - ON Semiconductor NCP1597_13 Datasheet HTML 7Page - ON Semiconductor NCP1597_13 Datasheet HTML 8Page - ON Semiconductor NCP1597_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP1597A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = 4.0 V − 5.5 V, Vout = 1.2 V, TJ = +25°C for typical value; −40°C < TJ < 85°C for min/max values unless noted otherwise)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vin Input Voltage Range
Vin
4.0
5.5
V
VCC UVLO Threshold
3.2
3.5
3.8
V
UVLO Hysteresis
335
mV
VCC Quiescent Current
IinVCC
Vin = 5 V,VFB = 1.5 V, (No Switching)
1.7
2.0
mA
VCCP Quiescent Current
IinVCCP
Vin = 5 V,VFB = 1.5 V, (No Switching)
25
mA
Vin Shutdown Supply Current (Note 2)
IQSHDN
EN = 0 V
1.8
3.0
mA
FEEDBACK VOLTAGE
Reference Voltage
VFB
0.788
0.800
0.812
V
Feedback Input Bias Current
IFB
VFB = 0.8 V
10
100
nA
Feedback Voltage Line Regulation
Vin = 4.0 V to 5.5 V
0.06
%/V
PWM
Maximum Duty Cycle (Regulating)
82
85
%
Minimum Controllable ON Time (Note 2)
50
ns
PULSE−BY−PULSE CURRENT LIMIT
Pulse−by−Pulse Current Limit (Regulation)
ILIM
2.7
3.9
4.3
A
Pulse−by−Pulse Current Limit (Soft−Start)
ILIMSS
4.0
5.3
6.1
A
OSCILLATOR
Oscillator Frequency
FSW
0.87
1.0
1.13
MHz
MOSFET
High Side MOSFET ON Resistance
RDS(on)
HS
RDS(on)
HS
IDS = 100 mA, VGS = 5 V
140
200
mW
High Side MOSFET Leakage (Note 2)
VEN = 0 V, VSW = 0 V
10
mA
Low Side MOSFET ON Resistance
RDS(on)
LS
RDS(on)
LS
IDS = 100 mA, VGS = 5 V
90
125
mW
Low Side MOSFET Leakage (Note 2)
VEN = 0 V, VSW = 5 V
10
mA
ENABLE (NCP1597A)
EN HI Threshold
ENHI
1.4
V
EN LO Threshold
ENLO
0.4
V
EN Hysteresis
200
mV
EN Pullup Current
1.4
3.0
mA
SOFT−START
Soft−Start Ramp Time
tSS
FSW = 1 MHz
1.0
ms
Hiccup Timer
2.0
ms
THERMAL SHUTDOWN
Thermal Shutdown Threshold
185
°C
Thermal Shutdown Hysteresis
30
°C
2. Guaranteed by design. Not production tested.


Similar Part No. - NCP1597_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597AMNTWG ONSEMI-NCP1597AMNTWG Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1597BMNTWG ONSEMI-NCP1597BMNTWG Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1597BMNTWG ONSEMI-NCP1597BMNTWG Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP1597_13

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com