Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP694D12HT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP694D12HT1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694D12HT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP694D12HT1G Datasheet HTML 6Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 7Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 8Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 9Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 10Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 11Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 12Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 13Page - ON Semiconductor NCP694D12HT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP694
http://onsemi.com
10
TYPICAL CHARACTERISTICS
3.292
3.293
3.294
3.295
3.296
3.297
3.298
3.299
3.300
3.301
3.302
−40.0
−20.0
0.0
20.0
40.0
60.0
80.0
TEMPERATURE (°C)
Figure 18. Output Voltage vs. Temperature
Vout = 3.3 V
Iout = 0 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
Vout = 0.8 V
TA = 85°C
25°C
−40°C
OUTPUT CURRENT (A)
Figure 19. Dropout Voltage vs. Output Current
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.2
0.4
0.6
0.8
1
Vout = 1.5 V
OUTPUT CURRENT (A)
Figure 20. Dropout Voltage vs. Output Current
−40°C
25°C
TA = 85°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
25°C
−40°C
TA = 85°C
OUTPUT CURRENT (A)
Figure 21. Dropout Voltage vs. Output Current
Vout = 3.3 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
25°C
−40°C
TA = 85°C
Vout = Vadj = 1 V
OUTPUT CURRENT (A)
Figure 22. Dropout Voltage vs. Output Current
for Adjustable Output
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
1.5
2
2.5
3
3.5
4
4.5
5
SET OUTPUT VOLTAGE (V)
Figure 23. Dropout Voltage vs. Set Output
Voltage
TA = 25°C
Iout = 1 A
500 mA
100 mA


Similar Part No. - NCP694D12HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694D12HT1G ONSEMI-NCP694D12HT1G Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
More results

Similar Description - NCP694D12HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com