Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1595MNT2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1595MNT2G
Description  Synchronous GBuck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595MNT2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1595MNT2G Datasheet HTML 5Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 6Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 7Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 8Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 9Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 10Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 11Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 12Page - ON Semiconductor NCP1595MNT2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NCP1595, NCP1595A, NCP1595C
http://onsemi.com
9
DETAILED DESCRIPTION
Overview
The NCP1595/A/C is a synchronous PWM controller that
incorporates all the control and protection circuitry
necessary to satisfy a wide range of applications. The
NCP1595/A/C employs current mode control to provide fast
transient response, simple compensation, and excellent
stability. The features of the NCP1595/A/C include a
precision reference, fixed 1 MHz switching frequency, a
transconductance error amplifier, an integrated high−side
P−channel MOSFET and low−side N−Channel MOSFET,
internal soft−start, and very low shutdown current. The
protection features of the NCP1595/A/C include internal
soft−start, pulse−by−pulse current limit, and thermal
shutdown.
Reference Voltage
The NCP1595/A/C incorporates an internal reference that
allows output voltages as low as 0.8 V. The tolerance of the
internal reference is guaranteed over the entire operating
temperature range of the controller. The reference voltage is
trimmed using a test configuration that accounts for error
amplifier offset and bias currents.
Oscillator Frequency
A fixed precision oscillator is provided. The oscillator
frequency range is 1 MHz with
$13% variation.
Transconductance Error Amplifier
The transconductance error amplifier’s primary function
is to regulate the converter’s output voltage using a resistor
divider connected from the converter’s output to the FB pin
of the controller, as shown in the applications Schematic. If
a Fault occurs, the amplifier’s output is immediately pulled
to GND and PWM switching is inhibited.
Internal Soft−Start
To limit the startup inrush current, an internal soft start
circuit is used to ramp up the reference voltage from 0 V to
its final value linearly. The internal soft start time is 1 ms
typically.
Output MOSFETs
The NCP1595/A/C includes low RDS(on), both high−side
P−channel and low−side N−channel MOSFETs capable of
delivering up to 1.5 A of current. When the controller is
disabled or during a Fault condition, the controller’s output
stage is tri−stated by turning OFF both the upper and lower
MOSFETs.
Adaptive Dead Time Gate Driver
In a synchronous buck converter, a certain dead time is
required between the low side drive signal and high side
drive signal to avoid shoot through. During the dead time,
the body diode of the low side FET freewheels the current.
The body diode has much higher voltage drop than that of
the MOSFET, which reduces the efficiency significantly.
The longer the body diode conducts, the lower the
efficiency. In NCP1595/A/C, the drivers and MOSFETs are
integrated in a single chip. The parasitic inductance is
minimized. Adaptive dead time control method is used to
prevent the shoot through from happening and minimizing
the diode conduction loss at the same time.
Pulse Width Modulation
A high−speed PWM comparator, capable of pulse widths
as low as 50 ns, is included in the NCP1595/A/C. The
inverting input of the comparator is connected to the output
of the error amplifier. The non−inverting input is connected
to the the current sense signal. At the beginning of each
PWM cycle, the CLK signal sets the PWM flip−flop and the
upper MOSFET is turned ON. When the current sense signal
rises above the error amplifier’s voltage then the comparator
will reset the PWM flip−flop and the upper MOSFET will
be turned OFF.
Current Sense
The NCP1595/A/C monitors the current in the upper
MOSFET. The current signal is required by the PWM
comparator and the pulse−by−pulse current limiter.


Similar Part No. - NCP1595MNT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595MNT2G ONSEMI-NCP1595MNT2G Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
More results

Similar Description - NCP1595MNT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
   Synchronous Boost Regulator
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   Monolithic Synchronous Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
   2A Synchronous EZBuckTM Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com