Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1063AP100G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1063AP100G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1063AP100G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1063AP100G Datasheet HTML 5Page - ON Semiconductor NCP1063AP100G Datasheet HTML 6Page - ON Semiconductor NCP1063AP100G Datasheet HTML 7Page - ON Semiconductor NCP1063AP100G Datasheet HTML 8Page - ON Semiconductor NCP1063AP100G Datasheet HTML 9Page - ON Semiconductor NCP1063AP100G Datasheet HTML 10Page - ON Semiconductor NCP1063AP100G Datasheet HTML 11Page - ON Semiconductor NCP1063AP100G Datasheet HTML 12Page - ON Semiconductor NCP1063AP100G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NCP1060, NCP1063
www.onsemi.com
9
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 14 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
COMPENSATION SECTION
ILMOP(pos)
Positive Active Clamp (Guaranteed by design)
3 (6)
2.5
mA
FREQUENCY FOLDBACK & SKIP
ICOMPfold
Start of frequency foldback COMP pin current level
5 (8)
−68
mA
ICOMPfold(end) End of frequency foldback COMP pin current level, fsw = fmin
5 (8)
−100
mA
fmin
The frequency below which skip−cycle occurs
21
25
29
kHz
ICOMPskip
The COMP pin current level to enter skip mode
5 (8)
−120
mA
IFreeze1
Internal minimum current setpoint (ICOMP = ICOMPFreeze) in NCP1060
110
mA
IFreeze2
Internal minimum current setpoint (ICOMP = ICOMPFreeze) in NCP1063
270
mA
RAMP COMPENSATION
Sa(60)
The internal ramp compensation @ 60 kHz:
NCP1060
NCP1063
8.4
15.6
mA/
ms
Sa(100)
The internal ramp compensation @ 100 kHz:
NCP1060
NCP1063
14
26
mA/
ms
PROTECTIONS
tSCP
Fault validation further to error flag assertion
35
48
ms
trecovery
OFF phase in fault mode
400
ms
VOVP
VCC voltage at which the switcher stops pulsing
2 (5)
17.0
18.0
18.8
V
tOVP
The filter of VCC OVP comparator
80
ms
VHV(EN)
The drain pin voltage above which allows MOSFET operate, which is
detected after TSD, UVLO, SCP, or VCC OVP mode. (A version only)
7,8
(6−10)
(13−16)
67
87
110
V
TEMPERATURE MANAGEMENT
TSD
Temperature shutdown (Guaranteed by design)
150
163
°C
TSDhyst
Hysteresis in shutdown (Guaranteed by design)
20
°C
3. The final switch current is: IIPK(0) / (Vin/LP + Sa) x Vin/LP + Vin/LP x tprop, with Sa the built−in slope compensation, Vin the input voltage,
LP the primary inductor in a flyback, and tprop the propagation delay.
4. Oscillator frequency is measured with disabled jittering.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP1063AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1063AP100G ONSEMI-NCP1063AP100G Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
More results

Similar Description - NCP1063AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com