Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1063AD060R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1063AD060R2G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1063AD060R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1063AD060R2G Datasheet HTML 6Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 7Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 8Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 9Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 10Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 11Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 12Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 13Page - ON Semiconductor NCP1063AD060R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
NCP1060, NCP1063
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 4. VCC(on) vs. Temperature
Figure 5. VCC(min) vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
8.85
8.90
8.95
9.00
9.05
9.10
9.15
100
80
60
40
20
0
−20
−40
7.32
7.34
7.38
7.42
7.46
7.48
7.52
Figure 6. VCC(off) vs. Temperature
Figure 7. IDSS(off) vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
6.88
6.90
6.92
6.94
6.96
6.98
7.00
100
80
60
40
20
0
−20
−40
0
100
200
300
400
600
700
800
Figure 8. ICC1 60 kHz vs. Temperature
Figure 9. ICC1 100 kHz vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
0.88
0.89
0.90
0.91
0.92
0.93
0.94
0.95
100
80
60
40
20
0
−20
−40
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
120
120
120
7.36
7.40
7.44
7.50
120
500
120
120


Similar Part No. - NCP1063AD060R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1063AD060R2G ONSEMI-NCP1063AD060R2G Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1063AD060R2GOSCT-ND ONSEMI-NCP1063AD060R2GOSCT-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
More results

Similar Description - NCP1063AD060R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com