Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP694DSAN10T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP694DSAN10T1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694DSAN10T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP694DSAN10T1G Datasheet HTML 2Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 3Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 4Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 5Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 6Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 7Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 8Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 9Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP694
http://onsemi.com
6
APPLICATIONS INFORMATION
A typical application circuit for the NCP694 series is
shown in Figure 5, Typical Application Schematic.
Input Decoupling (C1)
A 4.7
mF capacitor either ceramic or tantalum is
recommended and should be connected as close as possible
to the pins of NCP694 device. Higher values and lower ESR
will improve the overall line transient response.
Output Decoupling (C2)
The minimum decoupling value is 4.7
mF and can be
augmented to fulfill stringent load transient requirements.
The regulator accepts ceramic chip capacitors as well as
tantalum devices. If a tantalum capacitor is used, and its ESR
is large, the loop oscillation may result. Because of this,
select C2 carefully considering its frequency characteristics.
Larger values improve noise rejection and load regulation
transient response.
Enable Operation
The enable pin CE will turn on or off the regulator. These
limits of threshold are covered in the electrical specification
section of this data sheet. If the enable is not used then the
pin should be connected to Vin. The D version devices
(NCP694DxxxxT1G) have additional circuitry in order to
reach the turn−off speed faster than normal type. When the
mode is into standby with CE signal, auto discharge
transistor turns on.
Hints
Please be sure the Vin and GND lines are sufficiently wide.
If their impedance is high, noise pickup or unstable
operation may result.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short as
possible.
Thermal
As power across the NCP694 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and also the ambient
temperature effect the rate of temperature rise for the part.
This is stating that when the NCP694 has good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
Output Voltage Setting of Adjustable Version.
An external two resistors are required for setting desired
output voltage as shows Figure 3. Output Voltage Setting.
The equation for the output voltage is mentioned in equation
below.
Vout + Vref ) R1 @ I1
(eq. 1)
+ Vref ) R1 @ Iadj ) I2
+ Vref ) R1 @ Vref Radj ) R1 @ Vref R2
+ Vref @ 1 ) R1 Radj ) R1 R2
+ 1.0 @ 1 ) R1 Radj ) R1 R2
For better accuracy, choosing R2 << Radj reduces the error
given by ADJ pin consumption. The typical resistance Radj
is showed in Figure 4. ADJ Pin Resistance
Figure 3. Output Voltage Setting
GND
ADJ
R1
R2
I1
I2
Vout
Radj
Vref = 1 V
Iadj
1.8
1.6
1.4
1.2
1.0
0.8
−50
−25
0
25
50
75
100
Figure 4. ADJ Pin Resistance vs. Temperature
TJ, TEMPERATURE (°C)


Similar Part No. - NCP694DSAN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694DSAN10T1G ONSEMI-NCP694DSAN10T1G Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
More results

Similar Description - NCP694DSAN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com