Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5663DSADJR4G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5663DSADJR4G
Description  Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5663DSADJR4G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5663DSADJR4G Datasheet HTML 4Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 5Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 6Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 7Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 8Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 9Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 10Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 11Page - ON Semiconductor NCP5663DSADJR4G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP5663, NCV5663
http://onsemi.com
9
APPLICATION INFORMATION
The NCP5663/NCV5663 is a high performance low
dropout 3.0 A linear regulator suitable for high power
applications, featuring an ultra−fast response time and low
noise without a bypass capacitor. It is offered in both fixed
and adjustable output versions with voltages as low as 0.9 V.
Additional features, such as Enable and Error Flag (fixed
output
version)
increase
the
utility
of
the
NCP5663/NCV5663. It is thermally robust and includes the
safety features necessary during a fault condition, which
provide for an attractive high current LDO solution for
server, ASIC power supplies, networking equipment
applications, and many others.
Input Capacitor
The recommended input capacitor value is a 150
mF
OSCON with an Equivalent Series Resistance (ESR) of
50 m
W. It is especially required if the power source is
located
more
than
a
few
inches
from
the
NCP5663/NCV5663. This capacitor will reduce device
sensitivity and enhance the output transient response time.
The PCB layout is very important and in order to obtain the
optimal solution, the Vin and GND traces should be
sufficiently wide to minimize noise and unstable operation.
Output Capacitor
Proper output capacitor selection is required to maintain
stability. The NCP5663/NCV5663 is stable for Cout as low
as 10
mF (Figures 15 and 16) and guaranteed to be stable at
an output capacitance of, Cout > 33 mF with an ESR between
50 m
W and 300 mW over the output current range of 10 mA
to 3.0 A. For PCB layout considerations, place the
recommended ceramic capacitor close to the output pin and
keep the leads short. This should help ensure ultra−fast
transient response times.
Adjustable Output Operation
The application circuit for the adjustable output version is
shown in Figure 1. The reference voltage is 0.9 V and the
adjustable pin current is typically 40 nA. A resistor divider
network, R1 and R2, is calculated using the following
formula:
R1 + R2
Vout
Vref
* 1
Cin
Cout
Input
Output
NCP5663
Enable
ON
OFF
Vin
Vout
EN
ADJ
Vout = 0.9 V
GND
Figure 17. To achieve the minimum output voltage,
ADJ to Vout has to be connected together
Current Limit Operation
As the peak output current increases beyond its limitation,
the device is internally clampled to 4.5 A, thus causing the
output voltage to decrease and go out of regulation. This
allows the device never to exceed the maximum power
dissipation.
Error Flag Operation
The Error Flag pin on the NCP5663/NCV5663 will
produce a logic Low when it drops below the nominal output
voltage. Refer to the electrical characteristics for the
threshold values at which point the Error Flag goes Low.
When the NCP5663/NCV5663 is above the nominal output
voltage, the Error Flag will remain at logic High.
The external pullup resistor needs to be connected
between Vin and the Error Flag pin. A resistor of
approximately 100 k
W is recommended to minimize the
current consumption. No pullup resistor is required if the
Error Flag output is not being used.
Thermal Consideration
This series contains an internal thermal limiting circuit
that is designed to protect the regulator in the event that the
maximum junction temperature is exceeded. This feature
provides protection from a catastrophic device failure due to
accidental overheating. It is not intended to be used as a
substitute for proper heat sinking. The maximum device
power dissipation can be calculated by:
PD +
TJ(max) * TA
RqJA
The bipolar process employed for this IC is fully
characterized and rated for reliable 18 V VCCmax operation.
To avoid damaging the part or degrading it’s reliability,
power dissipation transients should be limited to under 30 W
for D2PAK. For open−circuit to short−circuit transient,
PDTransient = VCCmax * ISC.


Similar Part No. - NCP5663DSADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663DSADJR4G ONSEMI-NCP5663DSADJR4G Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663DSADJR4G ONSEMI-NCP5663DSADJR4G Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
More results

Similar Description - NCP5663DSADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com