Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1013ST65T3G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1013ST65T3G
Description  Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013ST65T3G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1013ST65T3G Datasheet HTML 4Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 5Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 6Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 7Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 8Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 9Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 10Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 11Page - ON Semiconductor NCP1013ST65T3G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
8
APPLICATION INFORMATION
Introduction
The NCP101X offers a complete current−mode control
solution (actually an enhanced NCP1200 controller section)
together with a high−voltage power MOSFET in a
monolithic structure. The component integrates everything
needed to build a rugged and low−cost Switch−Mode Power
Supply (SMPS) featuring low standby power. The Quick
Selection Table on Page 2, details the differences between
references, mainly peak current setpoints and operating
frequency.
No need for an auxiliary winding: ON Semiconductor
Very High Voltage Integrated Circuit technology lets you
supply the IC directly from the high−voltage DC rail. We call
it Dynamic Self−Supply (DSS). This solution simplifies the
transformer design and ensures a better control of the SMPS
in difficult output conditions, e.g. constant current
operations. However, for improved standby performance,
an auxiliary winding can be connected to the VCC pin to
disable the DSS operation.
Short−circuit protection: By permanently monitoring the
feedback line activity, the IC is able to detect the presence of
a short−circuit, immediately reducing the output power for
a total system protection. Once the short has disappeared, the
controller resumes and goes back to normal operation.
Fail−safe optocoupler and OVP: When an auxiliary
winding is connected to the VCC pin, the device stops its
internal Dynamic Self−Supply and takes its operating power
from the auxiliary winding. A 8.7 V active clamp is
connected between VCC and ground. In case the current
injected in this clamp exceeds a level of 7.4 mA (typical),
the controller immediately latches off and stays in this
position until VCC cycles down to 3.0 V (e.g. unplugging the
converter from the wall). By adjusting a limiting resistor in
series with the VCC terminal, it becomes possible to
implement an overvoltage protection function, latching off
the circuit in case of broken optocoupler or feedback loop
problems.
Low standby−power: If SMPS naturally exhibits a good
efficiency at nominal load, it begins to be less efficient when
the output power demand diminishes. By skipping unneeded
switching cycles, the NCP101X drastically reduces the
power wasted during light load conditions. An auxiliary
winding can further help decreasing the standby power to
extremely low levels by invalidating the DSS operation.
Typical measurements show results below 80 mW @
230 Vac for a typical 7.0 W universal power supply.
No acoustic noise while operating: Instead of skipping
cycles at high peak currents, the NCP101X waits until the
peak current demand falls below a fixed 1/4 of the maximum
limit. As a result, cycle skipping can take place without
having a singing transformer
… You can thus select cheap
magnetic components free of noise problems.
SPICE model: A dedicated model to run transient
cycle−by−cycle simulations is available but also an
averaged version to help close the loop. Ready−to−use
templates can be downloaded in OrCAD’s PSpice, and
INTUSOFT’s IsSpice4 from ON Semiconductor web site,
NCP101X related section.
Dynamic Self−Supply
When the power supply is first powered from the mains
outlet, the internal current source (typically 8.0 mA) is
biased and charges up the VCC capacitor from the drain pin.
Once the voltage on this VCC capacitor reaches the VCCOFF
level (typically 8.5 V), the current source turns off and
pulses are delivered by the output stage: the circuit is awake
and activates the power MOSFET. Figure 13 details the
internal circuitry.
Figure 13. The Current Source Regulates VCC
by Introducing a Ripple
Vref OFF = 8.5 V
Vref ON = 7.5 V
Vref Latch = 4.7 V*
-
+
Internal Supply
+
Vref
VCCOFF
+200 mV
(8.7 V Typ.)
VCC
+
CVCC
Startup Source
Drain
*In fault condition


Similar Part No. - NCP1013ST65T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013ST65T3G ONSEMI-NCP1013ST65T3G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST65T3G ONSEMI-NCP1013ST65T3G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013ST65T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com