Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1013ST130T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1013ST130T3G
Description  Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013ST130T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1013ST130T3G Datasheet HTML 1Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 2Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 3Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 4Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 5Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 6Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 7Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 8Page - ON Semiconductor NCP1013ST130T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 23
1
Publication Order Number:
NCP1010/D
NCP1010, NCP1011,
NCP1012, NCP1013,
NCP1014
Self-Supplied Monolithic
Switcher for Low Standby-
Power Offline SMPS
The NCP101X series integrates a fixed−frequency current−mode
controller and a 700 V MOSFET. Housed in a PDIP−7 or SOT−223
package, the NCP101X offers everything needed to build a rugged and
low−cost power supply, including soft−start, frequency jittering,
short−circuit protection, skip−cycle, a maximum peak current setpoint
and a Dynamic Self−Supply (no need for an auxiliary winding).
Unlike other monolithic solutions, the NCP101X is quiet by nature:
during nominal load operation, the part switches at one of the available
frequencies (65 − 100 − 130 kHz). When the current setpoint falls
below a given value, e.g. the output power demand diminishes, the IC
automatically enters the so−called skip−cycle mode and provides
excellent efficiency at light loads. Because this occurs at typically 1/4
of the maximum peak value, no acoustic noise takes place. As a result,
standby power is reduced to the minimum without acoustic noise
generation.
Short−circuit detection takes place when the feedback signal fades
away, e.g. in true short−circuit conditions or in broken Optocoupler
cases. External disabling is easily done either simply by pulling the
feedback pin down or latching it to ground through an inexpensive
SCR for complete latched−off. Finally soft−start and frequency
jittering further ease the designer task to quickly develop low−cost and
robust offline power supplies.
For improved standby performance, the connection of an auxiliary
winding stops the DSS operation and helps to consume less than
100 mW at high line. In this mode, a built−in latched overvoltage
protection prevents from lethal voltage runaways in case the
Optocoupler would brake. These devices are available in economical
8−pin dual−in−line and 4−pin SOT−223 packages.
Features
Built−in 700 V MOSFET with Typical RDSon of 11 W
and 22
W
Large Creepage Distance Between High−Voltage Pins
Current−Mode Fixed Frequency Operation:
65 kHz – 100 kHz − 130 kHz
Skip−Cycle Operation at Low Peak Currents Only:
No Acoustic Noise!
Dynamic Self−Supply, No Need for an Auxiliary
Winding
Internal 1.0 ms Soft−Start
Latched Overvoltage Protection with Auxiliary
Winding Operation
Frequency Jittering for Better EMI Signature
Auto−Recovery Internal Output Short−Circuit
Protection
Below 100 mW Standby Power if Auxiliary Winding
is Used
Internal Temperature Shutdown
Direct Optocoupler Connection
SPICE Models Available for TRANsient Analysis
These are Pb−Free and Halide−Free Devices
Typical Applications
Low Power AC/DC Adapters for Chargers
Auxiliary Power Supplies (USB, Appliances,TVs, etc.)
PDIP−7
CASE 626A
AP SUFFIX
1
8
MARKING
DIAGRAMS
P101xAPyy
AWL
YYWWG
1
See detailed ordering and shipping information in the package
dimensions section on page 21 of this data sheet.
ORDERING INFORMATION
SOT−223
CASE 318E
ST SUFFIX
1
4
AYW
101xy
G
G
1
4
x
= Current Limit (0, 1, 2, 3, 4)
y
= Oscillator Frequency
A (65 kHz), B (100 kHz), C (130 kHz)
yy
= 06 (65 kHz), 10 (100 kHz), 13 (130 kHz)
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com


Similar Part No. - NCP1013ST130T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013ST130T3G ONSEMI-NCP1013ST130T3G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST130T3G ONSEMI-NCP1013ST130T3G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013ST130T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com