Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP717CMX310TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP717CMX310TCG
Description  Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717CMX310TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP717CMX310TCG Datasheet HTML 1Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 2Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 3Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 4Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 5Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 6Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 7Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 8Page - ON Semiconductor NCP717CMX310TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP717
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 0.5 V or 2.3 V, whichever is greater; IOUT = 10 mA, CIN = COUT = 1 mF, unless otherwise noted.
VEN = 0.9 V. Typical values are at TJ = +25°C. Min./Max. are for TJ = −40°C and TJ = +125°C respectively (Note 3).
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.8
5.5
V
Output Voltage Accuracy
2.3 V
≤ VIN ≤ 4.2 V
IOUT = 0 − 300 mA
VOUT(nom) < 1.5 V
VOUT
−30
+30
mV
VOUT(NOM) + 0.5 V or
2.3 V
≤ VIN ≤ 5.5 V
IOUT = 0 − 300 mA
VOUT(nom) ≥ 1.5 V
−2
+2
%
Line Regulation
VOUT + 0.5 V or 2.3 V
≤ VIN ≤ 5.5 V,
IOUT = 10 mA
RegLINE
400
mV/V
Load Regulation
IOUT = 0 mA to 300 mA
RegLOAD
12
mV/mA
Load Transient
IOUT = 1 mA to 300 mA or 300 mA to 1 mA in
1
ms, COUT = 1 mF
TranLOAD
95
mV
Dropout Voltage (Note 4)
IOUT = 300 mA
VOUT = 2.5 V
VDO
190
350
mV
VOUT = 2.8 V
175
280
VOUT = 2.85 V
175
265
VOUT = 3.0 V
170
250
VOUT = 3.1 V
165
235
VOUT = 3.2 V
165
235
VOUT = 3.3 V
155
230
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
379
500
mA
Ground Current
IOUT = 0 mA
IQ
25
35
mA
IOUT = 2 mA
IGND
105
IOUT = 300 mA
IGND
250
Shutdown Current
VEN
≤ 0.4 V, VIN = 5.5 V
IDIS
0.01
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
180
500
nA
Turn−on Time
COUT = 1.0 mF, From assertion of VEN to 98%
VOUT(NOM)
tON
200
ms
Power Supply Rejection Ratio
VIN = 3.6 V, VOUT = 3.1 V
IOUT = 150 mA
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
58
70
55
dB
Output Noise Voltage
VIN = 3.6 V, VOUT = 3.1 V, IOUT = 300 mA
f = 100 Hz to 100 kHz
VN
22
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25
°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Active Output Discharge Resistance
VEN < 0.4 V
Version A
RDIS
1.2
k
W
Version C
120
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.5 V.


Similar Part No. - NCP717CMX310TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717CMX310TCG ONSEMI-NCP717CMX310TCG Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
More results

Similar Description - NCP717CMX310TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D_15 Datasheet
134Kb / 3P
   REGULATOR
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
   REGULATOR
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
   Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
   REGULATOR
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com