Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54810PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54810PWP
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54810PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54810PWP Datasheet HTML 6Page - Texas Instruments TPS54810PWP Datasheet HTML 7Page - Texas Instruments TPS54810PWP Datasheet HTML 8Page - Texas Instruments TPS54810PWP Datasheet HTML 9Page - Texas Instruments TPS54810PWP Datasheet HTML 10Page - Texas Instruments TPS54810PWP Datasheet HTML 11Page - Texas Instruments TPS54810PWP Datasheet HTML 12Page - Texas Instruments TPS54810PWP Datasheet HTML 13Page - Texas Instruments TPS54810PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TPS54810
SLVS420A − MARCH 2002 − R EVISED AUGUST 2002
www.ti.com
10
PERFORMANCE GRAPHS (FROM APPLICATION CIRCUIT SHOWN IN FIGURE 9)
Figure 11
IO − Output Current − A
EFFICIENCY
vs
OUTPUT CURRENT
50
55
60
65
70
75
80
85
90
95
100
02
46
8
10
VI = 5 V
VO = 1.8 V
fs = 700 kHz
Figure 12
0.997
0.998
0.999
1
1.001
1.002
1.003
02
46
8
10
IO − Output Current − A
LOAD REGULATION
vs
OUTPUT CURRENT
VI = 5 V
VO = 1.8 V
TA = 25°C
fs = 700 kHz
Figure 13
0.999
0.9992
0.9994
0.9996
0.9998
1
1.0002
1.0004
1.0006
1.0008
1.001
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
0 A
4 A
8 A
VI − Input Voltage − V
LINE REGULATION
vs
INPUT VOLTAGE
VI = 5 V
VO = 1.8 V
TA = 25°C
fs = 700 kHz
Figure 14
25
35
45
55
65
75
85
95
105
115
125
0
123
4
AMBIENT TEMPERATURE
vs
OUTPUT CURRENT (1)
IO − Output Current − A
56
7
8
VI = 5 V
TJ = 25°C
fs = 700 kHz
Figure 15
t − Time − 1
µs/div
OUTPUT RIPPLE VOLTAGE
VI = 5 V
VO = 1.8 V
IO = 6 A
fs = 700 kHz
Figure 16
t − Time − 20
µs/div
TRANSIENT RESPONSE
VI = 5 V
2 A to 6.5 A
Figure 17
4.0 ms/div
SLOW-START TIMING
VI = 5 V,
0.04
µF
Slow-start Cap
(1) Safe operating area is applicable to the test board conditions in the Dissipation Ratings


Similar Part No. - TPS54810PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810PWP TI1-TPS54810PWP Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810PWPG4 TI1-TPS54810PWPG4 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810PWPR TI1-TPS54810PWPR Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810PWPRG4 TI1-TPS54810PWPRG4 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results

Similar Description - TPS54810PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com