Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMQ421VSN331MR35S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMQ421VSN331MR35S
Description  Downsized snap-ins, 105?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMQ421VSN331MR35S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMQ421VSN331MR35S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMQ421VSN331MR35S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMQ421VSN331MR35S Datasheet HTML 3Page - United Chemi-Con, Inc. EKMQ421VSN331MR35S Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
A A A
A A A
A A A
(1/4)
CAT. No. E1001M
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
35&50V
4
10
35V
10,000>C
0.30
C
≧10,000
0.35
10,000>C
0.25
C
≧10,000
0.30
50V
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105
℃ (35&50Vdc), -25 to +105℃ (160 to 450Vdc)
35&50Vdc, 160 to 450Vdc
±20% (M)
I
≦3 CV
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
Nominal capacitance (
µF)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105
℃.
Capacitance change
±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
±15% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
160 to 250V
-
0.15
315 to 400V
-
0.15
420 & 450V
-
0.20
160 to 250V
4
-
315 to 450V
8
-
Endurance with ripple current : 2,000 hours at 105
Non solvent resistant type
RoHS Compliant
◆DIMENSIONS [mm]
Terminal Code : VS (
φ22 to φ35) : Standard
Sleeve (PET : Brown)
Negative mark
PC board pin-out
4.0
±0.5
Vent
L
±2
2-
φ2
Terminal Code : LI (
φ35)
Vent
4.5
±1
L
±2
Negative mark
Sleeve (PET : Brown)
PC board pin-out
2-1.2
×6
5
±0.5
14.2
±1
◆PART NUMBERING SYSTEM
The standard design has no plastic disc.
13
4
26
7
8
9
10
13
12
518
17
16
11
15
14
EK M Q
V S N
S
M
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 68
µF:680, 3,300µF:332)
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
Please refer to "Product code guide (snap-in type)"
Downsized snap-ins, 105
KMQ
Downsized
KMR
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
KMQSeries


Similar Part No. - EKMQ421VSN331MR35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ421VSN331MR35S CHEMI-CON-EKMQ421VSN331MR35S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMQ421VSN331MR35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMS181 CHEMI-CON-EKMS181 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMQ161VSN CHEMI-CON-EKMQ161VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105
EKMS401 CHEMI-CON-EKMS401 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMS3B1 CHEMI-CON-EKMS3B1 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMR181 CHEMI-CON-EKMR181 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMQ350VSN CHEMI-CON-EKMQ350VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105..
EKMR161 CHEMI-CON-EKMR161 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR401 CHEMI-CON-EKMR401 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR351 CHEMI-CON-EKMR351 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMS201 CHEMI-CON-EKMS201 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com