Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3643 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC3643
Description  Built-in OVP White LED Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3643 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC3643 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 9Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 10Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AIC3643
7
BLOCK DIAGRAM
CC
RC
RS
M1
-
+
PWM
Comparator
28V
OVP
Over Voltage
Comparator
-
+
100mV
VIN
FB
VREF
+
-
Error
AMP
GND
SW
PWM/PFM
Control
SHDN
Driver
+
-
Current AMP.
Control
Logic
1.2MHz
Oscillator
Slope
Compensation
PIN DESCRIPTIONS
PIN 1: SW
- Switch
pin.
Connect
inductor/diode
here.
Minimize
trace area at this pin to reduce
EMI.
PIN 2: GND
- Ground pin. Tie directly to local
ground plane.
PIN 3: FB
- Feedback
pin.
Reference
voltage
is
100mV.
Connect
cathode of lowest LED and
resistor here. Calculate resistor
value to obtain LED current
according to the formula:
RFB = 100mV/ILED
PIN 4: SHDN - Shutdown pin. Tie to higher than
1.5V to enable device, 0.3V or
less to disable device.
PIN 5: OVP
- Overvoltage protection. When
VOUT is greater than 28V, the
internal MOSFET turns off.
PIN 6: VIN
- Power input pin. Bypass VIN to
GND with a capacitor sitting as
close to VIN as possible.


Similar Part No. - AIC3643

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
   1.0A Synchronous Step-Up Converter
AIC3842 AIC-AIC3842 Datasheet
114Kb / 7P
   Current-Mode PWM Controller
More results

Similar Description - AIC3643

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com