Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651-105-23 Datasheet(PDF) 3 Page - Marl International Limited

Part # 651-105-23
Description  Suitable for high vibration applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

651-105-23 Datasheet(HTML) 3 Page - Marl International Limited

  651-105-23 Datasheet HTML 1Page - Marl International Limited 651-105-23 Datasheet HTML 2Page - Marl International Limited 651-105-23 Datasheet HTML 3Page - Marl International Limited 651-105-23 Datasheet HTML 4Page - Marl International Limited 651-105-23 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
651 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph B
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph C
10
20
30
40
50
also available
Part numbers also available in the 651 series:
Part
Number
Colour
Voltage
Vopr
651-102-04
Red
20 mA dc
651-102-20
Red
5/6 Vdc
651-102-22
Red
24 Vdc
651-102-22-07
Red
24 Vdc
651-102-22-08
Red
24 Vdc
651-102-23
Red
28 Vdc
651-102-24
Red
48 Vdc
651-102-75
Red
110 Vac 50 Hz
651-102-76
Red
230 Vac 50 Hz
651-102-76-08
Red
230 Vac 50 Hz
651-105-04
Red
20 mA dc
651-105-20
Red
5/6 Vdc
651-105-22
Red
24 Vdc
651-105-22-08
Red
24 Vdc
651-105-22-15
Red
24 Vdc
651-105-23-15
Red
28 Vdc
Part
Number
Colour
Voltage
Vopr
651-105-24
Red
48 Vdc
651-105-75
Red
110 Vac 50 Hz
651-105-75-07
Red
110 Vac 50 Hz
651-105-75-08
Red
110 Vac 50 Hz
651-105-76
Red
230 Vac 50 Hz
651-105-76-08
Red
230 Vac 50 Hz
651-111-04
Yellow
20 mA dc
651-111-20
Yellow
5/6 Vdc
651-111-22
Yellow
24 Vdc
651-111-22-08
Yellow
24 Vdc
651-111-48
Yellow
60 Vdc
651-111-75
Yellow
110 Vac 50 Hz
651-111-76
Yellow
230 Vac 50 Hz
651-114-04
Green
20 mA dc
651-114-20
Green
5/6 Vdc
651-114-22
Green
24 Vdc
Part
Number
Colour
Voltage
Vopr
651-114-22-08
Green
24 Vdc
651-114-23
Green
28 Vdc
651-114-75
Green
110 Vac 50 Hz
651-114-75-08
Green
110 Vac 50 Hz
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 651 - version 2013-09-24-173504
page 3 of 5


Similar Part No. - 651-105-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-105-23 MARL-651-105-23 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-23 MARL-651-105-23 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-105-23 MARL-651-105-23 Datasheet
430Kb / 5P
   high performance panel lamps
651-105-23-15 MARL-651-105-23-15 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
More results

Similar Description - 651-105-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
   Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
   Suitable for high vibration applications
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
   Suitable for high demanding applications
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
   Suitable for high demanding applications
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
   Suitable for outdoor/indoor applications
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
logo
jb Capacitors Company
JRG JBCAPACITORS-JRG Datasheet
211Kb / 2P
   Suitable for long life applications
logo
PHOENIX CONTACT
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com