Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

671-063-91-50 Datasheet(PDF) 1 Page - Marl International Limited

Part # 671-063-91-50
Description  Large LED indication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-063-91-50 Datasheet(HTML) 1 Page - Marl International Limited

  671-063-91-50 Datasheet HTML 1Page - Marl International Limited 671-063-91-50 Datasheet HTML 2Page - Marl International Limited 671-063-91-50 Datasheet HTML 3Page - Marl International Limited 671-063-91-50 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
671 series
• Ø25.4mm mounting
• Black anodised aluminium housing
• RIA 12 approved versions available
• Colour diffused lens
• Sealed to IP67
• Large LED indication
• AC versions available
• Pack Quantity = 1 Piece
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
671-290-22
Red
24 Vdc
19
68.2
627
-40 - +85
-40 - +85
A
671-291-22
Yellow
24 Vdc
19
68.2
590
-40 - +85
-40 - +85
A
671-290-75
Red
110
19
68.2
627
-40 - +85
-40 - +85
A
671-291-75
Yellow
110
19
68.2
590
-40 - +85
-40 - +85
A
671-289-22
Red
24 Vdc
19
250
660
-40 - +85
-40 - +85
A
671-292-22
Green
24 Vdc
19
110
565
-40 - +85
-40 - +85
F
671-289-75
Red
110
10
250
660
-40 - +85
-40 - +85
A
671-293-75
Yellow
110
10
821.8
590
-40 - +85
-40 - +85
A
671-292-75
Green
110
10
110
565
-40 - +85
-40 - +85
F
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 671 - version 2013-12-02-173637
page 1 of 4


Similar Part No. - 671-063-91-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-063-91-50 MARL-671-063-91-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
More results

Similar Description - 671-063-91-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-2210 MARL-672-290-2210_15 Datasheet
526Kb / 4P
   Colour diffused lens with a large LED indication
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
   LED Indication of Status and Fault Conditions
Rev 1; 6/20
logo
Shanghai awinic technol...
AW2015 AWINIC-AW2015 Datasheet
1Mb / 35P
   3 Channel LED Drivers with Auto Charging Indication
logo
Maxim Integrated Produc...
MAX14917EVKIT MAXIM-MAX14917EVKIT Datasheet
1Mb / 11P
   LED Indication of Channel Status and Fault Conditions
Rev 0; 4/20
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com