Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC6198 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC6198
Description  Dual Channel Bare-Bone USB Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC6198 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC6198 Datasheet HTML 1Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 2Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 3Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 4Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 5Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 6Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 7Page - Analog Intergrations Corporation AIC6198 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC6198
4
ELECTRICAL CHARACTERISTICS
(VIN= 5V, CIN1=CIN2=1μF, COUT1 =COUT2 = 100μF (Note 2), TA=25C, unless otherwise specified.)
(Note 1)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
3.2
5.5
V
Supply Current
40
A
Current Limit Threshold
1.05
1.45
1.80
A
Output MOSFET Resistance
170
m
Output Turn-On Rise Time
RL = 10 each Output
300
S
Output Turn-Off Fall Time
RL = 10 each Output
0.7
20
S
Soft Start Time
2
mS
Over Temperature Shutdown
Threshold
TJ Increasing
TJ Decreasing
145
125
C
Under Voltage Lockout
2.5
V
Under Voltage Lockout Hysteresis
200
mV
Note1:Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note2: Electrolytic Capacitor is recommended for COUT1 & COUT2 capacitor.


Similar Part No. - AIC6198

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
More results

Similar Description - AIC6198

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520_1 Datasheet
630Kb / 30P
   Small Box Bare Bone System
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
   2U High, Small Box Bare Bone System
BBS-2002 BOSER-BBS-2002 Datasheet
420Kb / 16P
   1U High, Small Box Bare Bone System
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
   USB Dual-Channel Power Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com