Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62021DGQ Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62021DGQ
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62021DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS62021DGQ Datasheet HTML 1Page - Texas Instruments TPS62021DGQ Datasheet HTML 2Page - Texas Instruments TPS62021DGQ Datasheet HTML 3Page - Texas Instruments TPS62021DGQ Datasheet HTML 4Page - Texas Instruments TPS62021DGQ Datasheet HTML 5Page - Texas Instruments TPS62021DGQ Datasheet HTML 6Page - Texas Instruments TPS62021DGQ Datasheet HTML 7Page - Texas Instruments TPS62021DGQ Datasheet HTML 8Page - Texas Instruments TPS62021DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
FB
PGND
SW
VIN
EN
Undervoltage
Lockout
Bias supply
Control Logic
+
LoadComparator
1.25 MHz
Oscillator
Vref = 0.5 V
Driver
Shoot−thru
Logic
Soft
Start
+
+
Current limit Comparator
SkipComparator
Gm
Saw Tooth
Generator
V
I
+
Vcomp
S
R
+
Comp High
Comp Low
Comp Low 2
Comp High
Comp Low
Comp Low 2
+
Comparator
Compensation
Ref
Ref
PGND
VIN
GND
MODE
MODE
SW
(See Note A)
TPS62020, TPS62021
SLVS076B – JUNE 2003 – REVISED APRIL 2004
PIN ASSIGNMENTS (continued)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable. Pulling EN to ground forces the device into shutdown mode. Pulling EN to VI enables the device. EN
should not be left floating and must be terminated.
VIN
2, 3
I
Supply voltage input
GND
4
Analog ground
FB
5
I
Feedback. Connect an external resistor divider to this pin.
MODE
6
I
The difference between TPS62020 and TPS62021 is the logic level of the MODE pin. The TPS62021 has an
MODE
active-low MODE pin. The TPS62020 is forced into fixed-frequency PWM mode by pulling the MODE pin high.
Pulling the MODE pin low enables the Power Save Mode, operating in PFM mode (Pulse frequency modulation)
at light load current, and in fixed frequency PWM at medimum to heavy load currents. In contrast, the TPS62021
is forced into PWM mode by pulling the MODE pin low.
SW
7, 8
I/O
This is the switch pin of the converter and connected to the drain of the internal power MOSFETs
PGND
9, 10
Power ground
FUNCTIONAL BLOCK DIAGRAM
NOTE A: The TPS62020 has an active-high MODE pin. The TPS62020 has an active-low MODE pin.
4


Similar Part No. - TPS62021DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62021DGQ TI-TPS62021DGQ Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQ TI1-TPS62021DGQ Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQR TI-TPS62021DGQR Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQR TI1-TPS62021DGQR Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62021DGQRG4 TI1-TPS62021DGQRG4 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62021DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com