Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75933 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS75933
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75933 Datasheet(HTML) 5 Page - Texas Instruments

  TPS75933 Datasheet HTML 1Page - Texas Instruments TPS75933 Datasheet HTML 2Page - Texas Instruments TPS75933 Datasheet HTML 3Page - Texas Instruments TPS75933 Datasheet HTML 4Page - Texas Instruments TPS75933 Datasheet HTML 5Page - Texas Instruments TPS75933 Datasheet HTML 6Page - Texas Instruments TPS75933 Datasheet HTML 7Page - Texas Instruments TPS75933 Datasheet HTML 8Page - Texas Instruments TPS75933 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Input Voltage (IN)
Output Voltage (OUTPUT)
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
The VIN terminal is an input to the regulator.
The VOUTPUT terminal is an output to the regulator.
over operating junction temperature range (unless otherwise noted)(1)
TPS759XX
Input voltage range(2)
VI
-0.3 V to 6 V
Voltage range at EN
-0.3 V to 6 V
Maximum PG voltage (TPS759xx)
6 V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Output voltage
VO (OUTPUT, FB)
5.5 V
Operating junction temperature range
TJ
-40
°C to 150°C
Storage temperature range
Tstg
-65
°C to 150°C
ESD rating
HBM
2 kV
CDM
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
PACKAGE
RΘJC (°C/W)
RΘJA (°C/W)
(1)
TO-220
2
58.7(2)
TO-263
2
38.7(3)
(1)
For both packages, the RΘJAvalues were computed using JEDEC
high K board (2S2P) with 1 ounce internal copper plane and ground
plane. There was no air flow across the packages.
(2)
RΘJA was computed assuming a vertical, free standing TO-220
package with pins soldered to the board. There is no heatsink
attached to the package.
(3)
RΘJA was computed assuming a horizontally mounted TO-263
package with pins soldered to the board. There is no copper pad
underneath the package.
MIN
MAX
UNIT
VI(1)
Input voltage
2.8
5.5
V
VO
Output voltage range
1.22
5
V
IO
Output current
0
7.5
A
TJ
Operating virtual junction temperature
-40
125
°C
(1)
To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min)= VO(max)+ VDO(max load).
5


Similar Part No. - TPS75933

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75933 TI1-TPS75933 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KC TI1-TPS75933KC Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KC TI1-TPS75933KC Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KCG3 TI1-TPS75933KCG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI1-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75933

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com