Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651-114-22 Datasheet(PDF) 5 Page - Marl International Limited

Part # 651-114-22
Description  Suitable for high vibration applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

651-114-22 Datasheet(HTML) 5 Page - Marl International Limited

  651-114-22 Datasheet HTML 1Page - Marl International Limited 651-114-22 Datasheet HTML 2Page - Marl International Limited 651-114-22 Datasheet HTML 3Page - Marl International Limited 651-114-22 Datasheet HTML 4Page - Marl International Limited 651-114-22 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
design considerations
to order
to order
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many situations involving people moving and handling products. The range of
possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual
situations. When an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood
that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and
assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have
changed this. Marl has an approved system of ESD control from goods in, through production and into final packing and
despatch. Marl recommend all users of LED based products follow the guidelines of BS 100015.
Power De-Rating
The forward voltage/ current value of an LED is dependant upon the ambient temperature of the environment in which it is
operated. Therefore, care must be taken to operate the LED at the correct voltage/ current values, depending upon the
ambient temperature. Consequently, a recommendation regarding operating voltages and currents is given in order to address
these temperature effects. This recommendation is termed ‘de-rating’. It is usual for forward voltages and currents to be
specified for ambient temperature of 25°C. However, because the values of these qualities vary with temperature, please refer
to the de-rating graphs for correct operation. Marl accept no liability for any product that is operated higher than the stated
voltage.
BS EN ISO 9001:2008
approved manufacturer
651 series
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 651 - version 2013-09-24-173504
page 5 of 5


Similar Part No. - 651-114-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-114-22 MARL-651-114-22 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-114-22-08 MARL-651-114-22-08 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
More results

Similar Description - 651-114-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
   Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
   Suitable for high vibration applications
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
   Suitable for high demanding applications
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
   Suitable for high demanding applications
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
   Suitable for outdoor/indoor applications
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
logo
jb Capacitors Company
JRG JBCAPACITORS-JRG Datasheet
211Kb / 2P
   Suitable for long life applications
logo
PHOENIX CONTACT
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
   Suitable for outdoor/indoor applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com